Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3953A-BDFM Datasheet(PDF) 45 Page - ams-OSRAM AG

Part # AS3953A-BDFM
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BDFM Datasheet(HTML) 45 Page - ams-OSRAM AG

Back Button AS3953A-BDFM Datasheet HTML 41Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 42Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 43Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 44Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 45Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 46Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 47Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 48Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 49Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
Page 44
ams Datasheet
Document Feedback
[v1-05] 2019-Feb-15
AS3953A − Detailed Description
FIFO water level is set to ¾ of FIFO for reception and to ¼ of
FIFO for transmission. This means that in case of getting an
interrupt during reception there are already 24 bytes in the
FIFO, which have to be read out to liberate space for following
data bytes. Same stands for transmission, water level interrupt
is sent when there are 8 bytes left in FIFO, therefore up to 24
additional bytes can be loaded.
During FIFO operation (FIFO read or FIFO load) the water level
detection system is blocked to avoid spurious water level
interrupts (these might occur when for example number of
bytes has increased above water level during loading and
immediately after that dropped again below water level due to
Tx process which runs in parallel). Due to this the FIFO
loading/reading rate has to be higher than Tx / Rx bit rate, once
FIFO loading/reading is finished the /SS pin has to be pulled to
VDD (logic remains in FIFO load/read mode as long as /SS
remains low).
In case loading/reading of FIFO is not much faster than Tx / Rx
processes low the following two cases have to be considered:
• FIFO underflow IRQ is not blocked, in case loading in FIFO
is slower than transmission process the FIFO underflow
IRQ is produced.
• In case of slow FIFO loading it is possible that the content
of FIFO is increased above water level but it is below when
FIFO loading is finished. In such case a water level IRQ is
issued after termination of FIFO loading. Same stands for
FIFO reading.
• In case of slow FIFO loading it is possible that the content
of FIFO stays below water level during complete FIFO
loading operation. In such case water level IRQ is not
issued after termination of FIFO loading. Same stands for
FIFO reading.
In case it is known that the receive data frame is smaller than
the FIFO size the water level interrupt does not have to be
served. In such case the water level interrupt can be masked.
After data is received the external controller needs to know how
long the receive data string was before downloading data from
the FIFO: This information is available in the FIFO Status Register
1 and FIFO Status Register 2 which display number of bytes in
the FIFO which were not read out.
The FIFO Status Register 2 additionally contains two bits which
indicate that the FIFO was not correctly served during reception
or transmission process (FIFO overflow and FIFO underflow).
FIFO overflow is set when too much data is written in FIFO. In
case this bit is set during reception the external controller did
not react on time on water level IRQ and more than 32 bytes
were written in the FIFO. The received data is corrupted in such
a case. During transmission this means that controller has
written more data than FIFO size. The data to be transmitted is
corrupted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com