Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3953A-BDFM Datasheet(PDF) 41 Page - ams-OSRAM AG

Part # AS3953A-BDFM
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BDFM Datasheet(HTML) 41 Page - ams-OSRAM AG

Back Button AS3953A-BDFM Datasheet HTML 37Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 38Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 39Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 40Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 41Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 42Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 43Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 44Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 45Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
Page 40
ams Datasheet
Document Feedback
[v1-05] 2019-Feb-15
AS3953A − Detailed Description
Reading Received Data from FIFO
Reading received data from the FIFO is similar to reading data
from an addressable registers. Difference is that in case of
reading more bytes they all come from the FIFO. The command
mode code 10 indicates FIFO operations. In case of reading the
received data from the FIFO all bits <C5 – C0> are set to ‘1’. On
the following SCLK rising edges the data from FIFO appears as
in case of read data from addressable registers. In case the
command is terminated by putting /SS high before a packet of
8 bits composing one byte is read that particular byte is
considered read.
Direct Command Mode
Direct Command Mode has no arguments, so a single byte is
sent. SPI operation mode bits 11 indicate Direct Command
Mode. The following six bits define command code, sent MSB
to the LSB. The command is executed on falling edge of last
clock.
Figure 48:
Sending of a Direct Command
1
1
C5
C4
C3
C2
C1
C0
X
X
SCLK rising
edge Data is
transfered from
µC
SCLK falling
edge Data is
sampled
/SS rising edge signals
start of command
execution
Two leading
ONE indicate
COMMAND
Mode
/SS
SCLK
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com