Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3953A-BDFM Datasheet(PDF) 44 Page - ams-OSRAM AG

Part # AS3953A-BDFM
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BDFM Datasheet(HTML) 44 Page - ams-OSRAM AG

Back Button AS3953A-BDFM Datasheet HTML 40Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 41Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 42Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 43Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 44Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 45Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 46Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 47Page - ams-OSRAM AG AS3953A-BDFM Datasheet HTML 48Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
ams Datasheet
Page 43
[v1-05] 2019-Feb-15
Document Feedback
AS3953A − Detailed Description
Interrupt Interface
There are two interrupt registers implemented in the AS3953A
(Main Interrupt Register and Auxiliary Interrupt Register). Main
Interrupt Register contains information about seven interrupt
sources, while one bit references to interrupt sources detailed
in Auxiliary Interrupt Register.
When an interrupt condition is met the source of interrupt bit
is set in the Main Interrupt Register and the IRQ pin transitions
to high.
The controller then reads the Main Interrupt Register to
distinguish between different interrupt sources. In case the bit
l_aux is pointing to the Auxiliary Interrupt Register, this register
also needs to be read. After an interrupt register (main or
auxiliary) is read its content is reset to ‘0’. Exception to this rule
is the bit pointing to auxiliary register. This bit is only cleared
when the auxiliary interrupt register is read. IRQ pin transitions
to high after the interrupt bit(s) which caused its transition to
high has been read. Please note that there may be more than
one interrupt register bit set in case the controller did not
immediately read the Interrupt registers after the IRQ signal is
set and another event causing interrupt occurred.
FIFO Water Level and FIFO Status Register
The AS3953A contains a 32 byte FIFO. In case of transmitting
the Control logic shifts data which was previously loaded by the
external controller to the Framing Block and further to the
Transmitter. During reception, the demodulated data is stored
in the FIFO and the external controller can download received
data.
Transmit and receive capability of the AS3953A is not limited
by of the FIFO size due to a FIFO water level interrupt system.
During transmission an interrupt is sent (interrupt due to FIFO
water level in the Main Interrupt Register) when the content of
data in the FIFO which still need to be sent is lower than the
FIFO water level for transmit. The external controller can now
add more data in the FIFO. The same stands for receive mode.
In case the number of received bytes increases over the FIFO
water level for receive an interrupt is sent to inform the external
controller that data has to be downloaded from FIFO.
The external controller has to serve the FIFO faster than data is
transmitted or received. A general rule is that the SCLK
frequency has to be at least double than the actual data rate in
receive or transmit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com