Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFP Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFP
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFP Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFP Datasheet HTML 58Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 59Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 60Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 61Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 62Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 63Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 64Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 65Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 101 page
background image
Table 2.35
A/D conversion characteristics (SAR mode) (1 of 2)
Parameter
Min
Typ
Max
Unit
Test conditions
SAR mode
Analog input voltage range
VREFL0 —
VREFH0 V
—
Resolution
—
—
12
bit
—
Quantization error
—
±0.5
—
LSB
—
High-
precision
high-speed
channels
(AN000 to
AN005)
(AN006 to
AN011)
(AN018 to
AN019)*3
Without
channel-
dedicated
sample-and-
hold
circuits*3
Conversion
time*1
Normal
conversion
0.16
—
—
µs
● ADCLK: 50 MHz
● Sampling time: 3 ADCLK
● Successive
approximation time: 5
ADCLK
● Signal source
impedance: 50 Ω or less
With
Averaging
mode
(4-time
conversion)
0.64
—
—
µs
Offset error
—
±1.0
±3.0
LSB
—
Full-scale error
—
±1.5
±2.5
LSB
—
Absolute
accuracy
Normal
conversion
—
±5.5
±7.0
LSB
—
With
Averaging
mode
(4-time
conversion)
—
±4.5
±5.5
LSB
—
Total unadjusted error
(TUE)*4
—
±3.5
±4.0
LSB
—
DNL differential
nonlinearity error
—
-1 to
+1.5
-1 to
+2.5
LSB
—
INL integral nonlinearity
error
—
±2.0
±3.0
LSB
—
With
channel-
dedicated
sample-and-
hold circuits
Conversion
time*2
Normal
conversion
0.72
—
—
µs
● ADCLK: 50 MHz
● Sampling time
of channel-dedicated
sample-and-hold circuits:
20 ADCLK
● Hold mode switching
time of channel-dedicated
sample-and-hold circuits:
2 ADCLK
● Sampling time: 9 ADCLK
● Successive
approximation time: 5
ADCLK
● Signal source
impedance: 50 Ω or less
With
Averaging
mode
(4-time
conversion)
2.88
—
—
µs
Offset error
—
±0.5
±1.0
LSB
—
Full-scale error
—
±1.5
±1.5
LSB
—
Absolute
accuracy
Normal
conversion
—
±5.0
±7.0
LSB
—
With
Averaging
mode
(4-time
conversion)
—
±4.0
±5.0
LSB
—
Total unadjusted error
(TUE)*4
 
—
±3.0
±3.4
LSB
—
DNL differential
nonlinearity error
—
-1 to
+1.5
-1 to
+2.5
LSB
—
INL integral nonlinearity
error
—
±2.0
±3.0
LSB
—
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0150 Rev.1.50
Jul 2, 2025
Page 62 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com