Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFP Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFP
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFP Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFP Datasheet HTML 63Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 64Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 65Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 66Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 67Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 68Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 69Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 70Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 101 page
background image
Table 2.37
A/D conversion characteristics (Oversampling mode and Hybrid mode) (2)
Parameter
Min
Typ
Max
Unit
Test conditions
Oversampling
mode and
Hybrid mode
(AN000 to
AN005)
(AN006 to
AN011)
(AN018 to
AN019)
(AN012 to
AN017)
Sinc filter
Single-ended
input
SNDR signal-
to-noise and
distortion ratio
—
80
—
dB
● ADCLK: 50 MHz
● Sampling time:
High-precision high-speed
channels (Oversampling
mode): 3 ADCLK
High-precision high-speed
channels (Hybrid mode): 4
ADCLK
High-precision middle-
speed channels: 9 ADCLK
● Successive approximation
time: 5 ADCLK
● Signal source impedance:
50 Ω or less
● Input frequency:
Oversampling mode: 10
kHz
Hybrid mode: 4 kHz
● Without channel-dedicated
sample-and-hold circuits
ENOB
effective
number of bits
—
13
—
bit
Differential
input
SNDR signal-
to-noise and
distortion ratio
—
86
—
dB
ENOB
effective
number of bits
—
14
—
bit
Minimum phase
filter
Single-ended
input
SNDR signal-
to-noise and
distortion ratio
—
68
—
dB
ENOB
effective
number of bits
—
11
—
bit
Differential
input
SNDR signal-
to-noise and
distortion ratio
—
74
—
dB
ENOB
effective
number of bits
—
12
—
bit
Table 2.38
A/D conversion characteristics (Oversampling mode)
Parameter
Min
Typ
Max
Unit
Test conditions
Oversampling
mode
(AN000 to
AN005)
(AN006 to
AN011)
(AN018 to
AN019)
(AN012 to
AN017)
(AN020 to
AN028)
Single-ended
input
Unit0
Offset error
—
±8.0
—
LSB
● ADCLK: 50 MHz
● Sampling time:
High-precision high-speed
channels: 3 ADCLK
High-precision middle-
speed channels: 9 ADCLK
Normal-precision low-speed
channels: 20 ADCLK
● Successive approximation
time: 5 ADCLK
● Signal source impedance:
50 Ω or less
● Digital filter: Sinc filter
● Without channel-dedicated
sample-and-hold circuits
Gain error
—
±32.0
—
DNL differential
nonlinearity error*1
—
±4.0
—
INL integral nonlinearity
error*1
—
±8.0
—
Unit1
Offset error
—
±8.0
—
Gain error
—
±32.0
—
DNL differential
nonlinearity error*1
—
±4.0
—
INL integral nonlinearity
error*1
—
±8.0
—
Differential
input
Unit0
Offset error
—
±4.0
—
Gain error
—
±14.0
—
DNL differential
nonlinearity error*1
—
±2.0
—
INL integral nonlinearity
error*1
—
±4.0
—
Unit1
Offset error
—
±4.0
—
Gain error
—
±14.0
—
DNL differential
nonlinearity error*1
—
±2.0
—
INL integral nonlinearity
error*1
—
±4.0
—
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0150 Rev.1.50
Jul 2, 2025
Page 67 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com