Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFP
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R7FA6T2AB3CFP Datasheet HTML 1Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 2Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 3Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 4Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 5Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 6Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 7Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 8Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 101 page
background image
RA6T2 Group
Renesas Microcontrollers
High-performance 240 MHz Arm Cortex-M33 core, up to 512 KB code flash memory with background operation, 16 KB
Data flash memory, and 64 KB SRAM with ECC. Integrated A/D converter with channel-dedicated sample-and-hold circuit
for simultaneous sampling and single-end/pseudo-differential input supportive amplifier. Integrated General PWM Timer with
200 MHz operation and high resolution. Integrated Secure Cryptographic Engine with cryptography accelerators and key
management support in concert with Arm TrustZone for integrated secure element functionality.
Features
R01DS0400EJ0150
Rev.1.50
Jul 2, 2025
■ Arm® Cortex®-M33 Core
● Armv8-M architecture with the main extension
● Maximum operating frequency: 240 MHz
● Arm Memory Protection Unit (Arm MPU)
– Protected Memory System Architecture (PMSAv8)
– Secure MPU (MPU_S): 8 regions
– Non-secure MPU (MPU_NS): 8 regions
● SysTick timer
– Embeds two SysTick timers: Secure and Non-secure instance
– Driven by LOCO or system clock
● CoreSight™ ETM-M33
■ Memory
● Up to 512-KB code flash memory
● 16-KB data flash memory (125,000 program/erase (P/E) cycles)
● 64-KB SRAM
■ Connectivity
● Serial Communications Interface (SCI) × 6
– Asynchronous interfaces
– 8-bit clock synchronous interface
– Smart card interface
– Simple IIC
– Simple SPI
– Simple LIN
– Manchester coding
● I2C bus interface (IIC) × 2
– Transfer at up to 3.2 Mbps (high speed mode)
● Serial Peripheral Interface (SPI) × 2
● CAN with Flexible Data-rate (CANFD)
■ Analog
● A/D Converter (ADC) × 2
– Up to 16-bit resolution
– Up to 6.25 Msps
– Channel-dedicated sample-and-hold circuit × 6
– Programmable Gain Amplifier (PGA) × 4
● High-Speed Analog Comparator (ACMPHS) × 4
● 12-bit D/A Converter (DAC12) × 4
● Temperature Sensor (TSN)
■ Timers
● General PWM Timer 32-bit (GPT32) with High Resolution × 4
– 156 ps resolution in 200 MHz
● General PWM Timer 32-bit (GPT32) × 6
● Low Power Asynchronous General Purpose Timer (AGT) × 2
■ Security and Encryption
● Secure Cryptographic Engine (SCE5)
– Symmetric algorithms: AES
– Hash-value generation: GHASH
– 128-bit unique ID
● Arm® TrustZone®
– Up to three regions for the code flash
– Up to two regions for the data flash
– Up to three regions for the SRAM
– Individual secure or non-secure security attribution for each
peripheral
● Device lifecycle management
■ System and Power Management
● Low power modes
● Event Link Controller (ELC)
● Data Transfer Controller (DTC)
● DMA Controller (DMAC) × 8
● Power-on reset
● Low Voltage Detection (LVD) with voltage settings
● Watchdog Timer (WDT)
● Independent Watchdog Timer (IWDT)
● Key Interrupt Function (KINT)
■ Data Processing Accelerator
● Trigonometric Function Unit (TFU)
● IIR Filter Accelerator (IIRFA)
■ Multiple Clock Sources
● Main clock oscillator (MOSC) (8 to 24 MHz)
● High-speed on-chip oscillator (HOCO) (16/18/20 MHz)
● Middle-speed on-chip oscillator (MOCO) (8 MHz)
● Low-speed on-chip oscillator (LOCO) (32.768 kHz)
● IWDT-dedicated on-chip oscillator (15 kHz)
● Clock trim function for HOCO/MOCO/LOCO
● PLL/PLL2
● Clock out support
■ General-Purpose I/O Ports
● 5-V tolerance, open drain, input pull-up, switchable driving ability
■ Operating Voltage
● VCC: 2.7 to 3.6 V
■ Operating Temperature and Packages
● Ta = -40℃ to +105℃
– 100-pin LQFP (14 mm × 14 mm, 0.5 mm pitch)
– 64-pin LQFP (10 mm × 10 mm, 0.5 mm pitch)
– 48-pin LQFP (7 mm × 7 mm, 0.5 mm pitch)
– 64-pin QFN (8 mm × 8 mm, 0.4 mm pitch)
– 48-pin QFN (7 mm × 7 mm, 0.5 mm pitch)
Datasheet
R01DS0400EJ0150 Rev.1.50
Jul 2, 2025
Page 1 of 101


Similar Part No. - R7FA6T2AB3CFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R7FA6T2AB3CFP RENESAS-R7FA6T2AB3CFP Datasheet
1Mb / 93P
Renesas Microcontrollers
Mar 31, 2022
More results

Similar Description - R7FA6T2AB3CFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
16C6N4 RENESAS-16C6N4 Datasheet
687Kb / 92P
Renesas MCU
R32C111 RENESAS-R32C111 Datasheet
974Kb / 84P
RENESAS MCU
UPD70F3741GC RENESAS-UPD70F3741GC Datasheet
10Mb / 889P
RENESAS MCU V850ES/JG3 Microcontrollers
UPD70F3786GJ-GAE-AX RENESAS-UPD70F3786GJ-GAE-AX Datasheet
9Mb / 1817P
RENESAS MCU V850ES/Jx3-E Microcontrollers
UPD70F3793GC-UEU-AX RENESAS-UPD70F3793GC-UEU-AX Datasheet
6Mb / 1113P
RENESAS MCU V850ES/Jx3-L Microcontrollers
RA6T2 RENESAS-RA6T2 Datasheet
1Mb / 93P
Renesas Microcontrollers
Mar 31, 2022
R01DS0410EJ0110 RENESAS-R01DS0410EJ0110 Datasheet
1Mb / 92P
Renesas Microcontrollers
Feb 28, 2023
R01DS0413EJ0110 RENESAS-R01DS0413EJ0110 Datasheet
2Mb / 90P
Renesas Microcontrollers
Feb 28, 2023
RA4E2 RENESAS-RA4E2 Datasheet
2Mb / 90P
Renesas Microcontrollers
Feb 28, 2023
RA6E2 RENESAS-RA6E2 Datasheet
1Mb / 92P
Renesas Microcontrollers
Feb 28, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com