Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-AUD01F2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EMIF06-AUD01F2
Description  6-line EMI filter and ESD protection for audio interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-AUD01F2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button EMIF06-AUD01F2 Datasheet HTML 2Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 7Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 8Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 9Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Characteristics
EMIF06-AUD01F2
6/14
1.3
ESD characteristics
Figure 11.
S21 attenuation measurement
MIC2_P and BIAS2 lines
(50
Ω / 50 Ω)
Figure 12.
S21 attenuation measurement
MIC2_P and BIAS2 lines
(50
Ω / 1 KΩ simulation)
R
= 50
/ R
= 50
source
load
ΩΩ
100.0k
1.0M
10.0M
100.0M
1.0G
- 60.00
- 50.00
- 40.00
- 30.00
- 20.00
- 10.00
0.00
dB
Mic2P/BIAS2 50
F/Hz
100.0k
1.0M
10.0M
100.0M
1.0G
- 60.00
- 50.00
- 40.00
- 30.00
- 20.00
- 10.00
0.00
dB
Mic2P/BIAS2 1k
R
= 50
/ R
= 1 k
source
load
ΩΩ
F/Hz
Figure 13.
ESD response to IEC 61000-4-2
(+15 kV air discharge) on input Vin
and output Vout Mic1 line
Figure 14.
ESD response to IEC 61000-4-2
(-15 kV air discharge) on input Vin
and output Vout Mic1 line
vi = 20 V/d
vo = 5 V/d
100 ns/d
vi = 20 V/d
vo = 5 V/d
100 ns/d
Figure 15.
ESD response to IEC 61000-4-2
(+15 kV air discharge) on input Vin
and output Vout Mic2 line
Figure 16.
ESD response to IEC 61000-4-2
(-15 kV air discharge) on input Vin
and output Vout Mic2 line
vi = 20 V/d
vo = 5 V/d
100 ns/d
vi = 20 V/d
vo = 5 V/d
100 ns/d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com