Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-AUD01F2 Datasheet(PDF) 12 Page - STMicroelectronics

Part # EMIF06-AUD01F2
Description  6-line EMI filter and ESD protection for audio interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-AUD01F2 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button EMIF06-AUD01F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 7Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 8Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 9Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 10Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 11Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 12Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 13Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package information
EMIF06-AUD01F2
12/14
Figure 33.
Flip chip tape and reel specification
Note:
More packing information is available in the application notes:
AN1235: “Flip chip: Package description and recommendations for use”
AN1751: "EMI Filters: Recommendations and measurements"
Figure 31.
Marking
Figure 32.
Footprint recommendation
x
y
x
w
z
w
Dot, ST logo
xx = marking
z = manufacturing location
yww = datecode
(y = year ww = week)
E
Copper pad Diameter:
250µm recommended, 300 µm max
Solder stencil opening: 330 µm
Solder mask opening recommendation:
340 µm min for 315 µm copper pad diameter
2.10
4 ± 0.1
4.0 ± 0.1
2.0 ± 0.05
Ø 1.55 ± 0.05
0.73 ± 0.05
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com