Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-AUD01F2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # EMIF06-AUD01F2
Description  6-line EMI filter and ESD protection for audio interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-AUD01F2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button EMIF06-AUD01F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 7Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 8Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 9Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 10Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 11Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Characteristics
EMIF06-AUD01F2
8/14
Figure 23.
Test setup for measurement of distortion on MIC channels
Figure 24.
Internal UPV setup schematic
Figure 21.
Variation of total harmonic
distortion and noise in microphone
lines versus frequency, balanced
(or differential) mode, VBIAS = 2.4 V
Figure 22.
Variation of total harmonic
distortion and noise in microphone
lines versus frequency, unbalanced
(or single-ended) mode
F (Hz)
-76.593
5.3357 k
0
-50
100
1 k
10 k
THD+N (dB)
-100
VGEN: 1.5 Vp-p
V
= 2.4 V
20 Hz < F < 20 kHz
RGEN: 600
RLOAD: 200 k
A-Weighting filter
Bandwidth: 40 kHz
TAMB = 25 °C
MAX
Ω
Ω
F (Hz)
-65.688
-61.510
3.9933 k
0
-50
100
1 k
10 k
THD+N (dB)
-100
VGEN: 1.5 Vp-p
20 Hz < F < 20 kHz
RGEN: 600
RLOAD: 100 k
A-Weighting filter
Bandwidth: 40 kHz
TAMB = 25 °C
Ω
Ω
UPV Rohde & Schwarz audio analyzer
EMIF06-AUD01F2
MIC1N
MIC1Nint
MIC1P
MIC1Pint
XLR connectors
UPV Rohde & Schwarz audio analyzer
EMIF06-AUD01F2
MIC1N
MIC1Nint
MIC1P
MIC1Pint
XLR connectors
1.5 V
PP
1.5 V
PP
EMIF06-AUD01F2
MIC1N
MIC1Nint
MIC1P
MIC1Pint
300
300
120 pF
120 pF
120 pF
120 pF
To balanced
Input amplifier
To balanced
Input amplifier
100 k
100 k
1.5 V
PP
1.5 V
PP
EMIF06-AUD01F2
MIC1N
MIC1Nint
MIC1P
MIC1Pint
300
Ω
300
Ω
120 pF
120 pF
120 pF
120 pF
To balanced
Input amplifier
To balanced
Input amplifier
100 k
Ω
100 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com