Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-AUD01F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF06-AUD01F2
Description  6-line EMI filter and ESD protection for audio interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-AUD01F2 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF06-AUD01F2 Datasheet HTML 1Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 2Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 7Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 8Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
February 2008
Rev 1
1/14
EMIF06-AUD01F2
6-line EMI filter and ESD protection for audio interface
Features
■ 4-line EMI filter and ESD protection for internal
and external (headset) microphone
■ 2-line EMI filter and ESD protection for headset
speaker
Benefits
■ EMI (I/O) low-pass filter
■ High efficiency EMI filter
■ Very low PCB space consumption: 4.6 mm2
■ Very thin package: 0.65 mm
■ High efficiency in ESD suppression
■ High reliability offered by monolithic integration
■ High reduction of parasitic elements through
integration and wafer level packaging
Complies with following standards
■ IEC 61000-4-2 level 4 external pins
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ IEC 61000-4-2 level 1 internal pins
– 2 kV (air discharge)
– 2 kV (contact discharge)
Applications
ESD protection and EMI/RFI filtering for the audio
bottom connector interface, where EMI filtering in
ESD sensitive equipment is required:
■ Mobile phones and communication systems
■ Wireless modules
Description
The EMIF06-AUD01F2 is a highly integrated
device designed to suppress EMI/RFI noise in all
systems subjected to electromagnetic
interference. The flip chip packaging means the
package size is equal to the die size.
This filter includes ESD protection circuitry, which
prevents damage to the application when it is
subjected to ESD surges up to 15 kV.
Figure 1.
Pin configuration
Flip chip package, 20 bumps
MIC1P
int
GND
Int
HOOK
GND
PHG
BIAS2
GND
MIC1N
MIC1P
MIC2N
MIC2P
SPK_R
SPK_L
BIAS1
MIC1N
int
BIAS3
MIC2P
int
MIC2N
int
SPK_R
int
SPK_L
int
Silicon side
A
B
C
D
12345
www.st.com


Similar Part No. - EMIF06-AUD01F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-10006C2 STMICROELECTRONICS-EMIF06-10006C2 Datasheet
240Kb / 9P
6 line EMI filter and ESD protection
17-Nov-2006
EMIF06-10006F1 STMICROELECTRONICS-EMIF06-10006F1 Datasheet
235Kb / 6P
6 LINES EMI FILTER AND ESD PROTECTION
Jan-2003
EMIF06-10006F2 STMICROELECTRONICS-EMIF06-10006F2 Datasheet
241Kb / 9P
6 line EMI filter and ESD protection
17-Nov-2006
EMIF06-1002F2 STMICROELECTRONICS-EMIF06-1002F2 Datasheet
218Kb / 7P
6-line IPAD?? EMI filter and ESD protection
29-Mar-2010
EMIF06-1005M12 STMICROELECTRONICS-EMIF06-1005M12 Datasheet
180Kb / 10P
6-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
04-Feb-2008
More results

Similar Description - EMIF06-AUD01F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-SD02F3 STMICROELECTRONICS-EMIF06-SD02F3 Datasheet
61Kb / 3P
6 line EMI filter and ESD protection for SD card
06-Mar-2007
logo
ON Semiconductor
NUF6010MU ONSEMI-NUF6010MU Datasheet
80Kb / 4P
6 Line EMI Filter with ESD Protection
October, 2007 - Rev. 3
NUF6410MN ONSEMI-NUF6410MN Datasheet
76Kb / 4P
6 Line EMI Filter with ESD Protection
October, 2007 - Rev. 2
logo
STMicroelectronics
EMIF06-10006C2 STMICROELECTRONICS-EMIF06-10006C2 Datasheet
240Kb / 9P
6 line EMI filter and ESD protection
17-Nov-2006
EMIF06-10006F2 STMICROELECTRONICS-EMIF06-10006F2 Datasheet
241Kb / 9P
6 line EMI filter and ESD protection
17-Nov-2006
EMIF06-VID01C2 STMICROELECTRONICS-EMIF06-VID01C2 Datasheet
160Kb / 7P
6 line low capacitance EMI filter and ESD protection
01-Jun-2006
EMIF06-MSD02N16 STMICROELECTRONICS-EMIF06-MSD02N16 Datasheet
695Kb / 12P
6-line IPAD?? EMI filter and ESD protection
21-Nov-2008
EMIF06-1002F2 STMICROELECTRONICS-EMIF06-1002F2 Datasheet
218Kb / 7P
6-line IPAD?? EMI filter and ESD protection
29-Mar-2010
EMIF06-SD03F3 STMICROELECTRONICS-EMIF06-SD03F3 Datasheet
517Kb / 23P
6-line IPAD?? EMI filter and ESD protection for SD card
11-Feb-2010
EMIF05-AUD02F3 STMICROELECTRONICS-EMIF05-AUD02F3 Datasheet
288Kb / 8P
EMI filter and ESD protection for audio interface
December 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com