Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1201AFH2 Datasheet(PDF) 20 Page - Nisshinbo Micro Devices Inc.

Part # NJW1201AFH2
Description  2ch Electronic Volume with Dynamic Bass Boost
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJW1201AFH2 Datasheet(HTML) 20 Page - Nisshinbo Micro Devices Inc.

Back Button NJW1201AFH2 Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
NJW1201A
– 20 –
APPLICATION NOTE
[1] Input Selector
(1-1) Single ended stereo Inputs
All single ended inputs (pin.2,3,4,36,37,38,40,42,44,47,50,52) have an input impedance of 50
kΩ.
(1-2) Differential Input
In6A(pin.47)/In6B(pin.44) can use as single-ended input or differential input.
In case of differential input, In6A/In6B are positive input have an input impedance of 50k
Ω.
And In6diff(pin.46) is negative input terminal has an input impedance of 50kΩ.
To improve CMRR at input, please connect the same value of coupling capacitor to In6A/In6B/In6diff.
[2] Monitor out(pin.5,35), Rec out(pin6,34), VOLIn(pin.7,33)
Hi-path filter (Sallen-Key) can be made up with these terminals.
2
1
2
1
0
2
1
C
C
R
R
f
π
=
2
1
2
1
2
2
1
2
1
C
C
R
R
R
C
C
C
C
Q
+
=
C1
C2
R1
MonitorOut(PIN:5,35)
VOLIn(PIN:7,33)
RecOut(PIN:6,34)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com