Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1201AFH2 Datasheet(PDF) 16 Page - Nisshinbo Micro Devices Inc.

Part # NJW1201AFH2
Description  2ch Electronic Volume with Dynamic Bass Boost
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJW1201AFH2 Datasheet(HTML) 16 Page - Nisshinbo Micro Devices Inc.

Back Button NJW1201AFH2 Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
NJW1201A
– 16 –
TERMINAL DESCRIPTION
No.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
VOLTAGE
19
20
SDA
SCL
I2C DATA
I2C CLOCK
-
21
V+
Supply Voltage
-
V+
24
ExtSense
AGC Boost Level for DBB
V+ / 2
25
INT
AGC Smoothing Filter for DBB
-
8k
VREG 5V
4k
V+ 9V
SCL:GND
SDA:ACK
36k
50
50
2k
0.5u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com