Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1201AFH2 Datasheet(PDF) 28 Page - Nisshinbo Micro Devices Inc.

Part # NJW1201AFH2
Description  2ch Electronic Volume with Dynamic Bass Boost
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJW1201AFH2 Datasheet(HTML) 28 Page - Nisshinbo Micro Devices Inc.

Back Button NJW1201AFH2 Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 26Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 27Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 28Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 29Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 30Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
NJW1201A
– 28 –
5-4. Detective level in DBB
Detective level of input signal in DBB is control by I2C or external resistor (Rsense:pin.24).
In case of without external resistor, Detective level is shown in below Fig5-4-1, 5-4-2.
Fig5-4-1 is Output Voltage vs Input Voltage when detective level is changed (Gain setting = 3).
Fig5-4-2 is Output Voltage vs Input Voltage when Gain setting is changed (Sense level = 4).
These figures don’t include the external Resistor (Rsense:pin.24).
Regarding Detective Level (sense level), internal resistance is switched by I2C.
This resistance decides detective level.
1. Sense 1 = 36kΩ
2. Sense 2 = 9kΩ
3. Sense 3 = 5.2kΩ
4. Sense 4 = 3.6kΩ
And, if connect the external resistor (Rsense:pin.24), Detected level is shown in below equations.
1. Sense 1 = 36kΩ // Rsense
2. Sense 2 = 9kΩ // Rsense
3. Sense 3 = 5.2kΩ // Rsense
4. Sense 4 = 3.6kΩ // Rsense
Output vs Input Voltage (DBB SenseLevel sw eep)
V+=9V, DBB=GAIN3, Vin(A+Bch), f=70Hz
Vout=Ach, Ta=25oC
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Input Voltage (Vrms)
Sense4
Sense3
Sense2
Sense1
Output vs Input Voltage (DBB GainLevel sw eep)
V+=9V, Sense=Sense4, Vin(A+Bch), f=70Hz
Vout=Ach, Ta=25oC
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Input Voltage (Vrms)
Gain3
Gain2
Gain1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com