Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLE3CFB Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # R7F100LLE3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLE3CFB Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button R7F100LLE3CFB Datasheet HTML 59Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 60Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 61Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 62Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 63Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 64Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 65Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 66Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 63 of 145
Oct 31, 2025
1. 44- to 64-pin products with 256- to 512-Kbyte code flash memory and 80- to 100-pin products
Note 1. The listed currents are the total currents flowing into VDD, including the input leakage currents flowing when the level of the
input pin is fixed to VDD, VSS, or EVSS. In the HS (high-speed main), LS (low-speed main), and LP (low-power main) modes,
the currents in the Typ. column do not include the operating currents of the peripheral modules. The currents in the Max.
column include the operating currents of the PCLBUZ, TAU, SAU, and IICA modules. The operating currents of other
peripheral modules are not included.
Note 2. The listed currents apply when the HALT instruction has been fetched from the flash memory for execution.
Note 3. The listed currents apply when the high-speed system clock, middle-speed on-chip oscillator, low-speed on-chip oscillator,
and subsystem clock are stopped.
Note 4. The listed currents apply when the high-speed on-chip oscillator, high-speed system clock, low-speed on-chip oscillator, and
subsystem clock are stopped.
Note 5. The listed currents apply when the high-speed on-chip oscillator, middle-speed on-chip oscillator, low-speed on-chip
oscillator, and subsystem clock are stopped.
Remark 1. fIH: High-speed on-chip oscillator clock frequency
Remark 2. fIM: Middle-speed on-chip oscillator clock frequency
Remark 3. fMX: High-speed system clock frequency (X1 clock oscillation frequency or external main system clock frequency)
Remark 4. The typical value for the ambient operating temperature (TA) is +25°C unless otherwise specified.
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(3/4)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
Supply
currentNote 1
IDD2
Note 2
HALT mode
HS
(high-speed main)
mode
fIH = 32 MHzNote 3
VDD = 5.0 V
0.61
2.24
mA
VDD = 1.8 V
0.60
2.23
LS
(low-speed main)
mode
fIH = 24 MHzNote 3
VDD = 5.0 V
0.51
1.74
mA
VDD = 1.8 V
0.50
1.73
fIH = 16 MHzNote 3
VDD = 5.0 V
0.47
1.33
mA
VDD = 1.8 V
0.47
1.32
fIM = 4 MHzNote 4
VDD = 5.0 V
0.09
0.31
mA
VDD = 1.6 V
0.09
0.30
LP
(low-power main)
mode
fIM = 2 MHzNote 4
VDD = 5.0 V
38
140
µA
VDD = 1.6 V
37
138
fIM = 1 MHzNote 4
VDD = 5.0 V
32
86
µA
VDD = 1.6 V
31
85
HS
(high-speed main)
mode
fMX = 20 MHzNote 5,
Square wave input
VDD = 5.0 V
0.24
1.23
mA
VDD = 1.8 V
0.23
1.21
LS
(low-speed main)
mode
fMX = 20 MHzNote 5,
Square wave input
VDD = 5.0 V
0.24
1.22
mA
VDD = 1.8 V
0.23
1.22
fMX = 20 MHzNote 5,
Resonator connection
VDD = 5.0 V
0.51
1.56
mA
VDD = 1.8 V
0.49
1.54
fMX = 10 MHzNote 5,
Square wave input
VDD = 5.0 V
0.15
0.65
mA
VDD = 1.8 V
0.12
0.61
fMX = 10 MHzNote 5,
Resonator connection
VDD = 5.0 V
0.30
0.84
mA
VDD = 1.8 V
0.29
0.82
fMX = 8 MHzNote 5,
Square wave input
VDD = 5.0 V
0.13
0.54
mA
VDD = 1.8 V
0.10
0.50
fMX = 8 MHzNote 5,
Resonator connection
VDD = 5.0 V
0.26
0.70
mA
VDD = 1.8 V
0.25
0.68
<R>
<R>
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com