Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLE3CFB Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # R7F100LLE3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLE3CFB Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button R7F100LLE3CFB Datasheet HTML 89Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 90Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 91Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 92Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 93Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 94Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 95Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 96Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 93 of 145
Oct 31, 2025
6. In UART communications with devices operating at different voltage levels (1.8 V, 2.5 V, 3 V)
Note 1.
Transfer rate in the SNOOZE mode is within the range from 4800 to 9600 bps.
Note 2.
The maximum operating frequencies of the CPU/peripheral hardware clock (fCLK) are:
Note 3.
Use this rate with EVDD0 ≥ Vb.
Caution
Select the TTL input buffer for the RxDq pin, and the N-ch open-drain output (withstand voltage of VDD) mode for
the TxDq pin by using the port input mode register (PIMg) and port output mode register (POMg). For VIH and VIL,
see the DC characteristics with the TTL input buffer selected.
Remark 1.
Vb[V]: Communication line voltage
Remark 2.
q: UART number (q = 0 to 3), g: PIM and POM number (g = 0 to 9, 12 to 14)
Remark 3.
fMCK: Serial array unit operation clock frequency
To set this operating clock, use the CKSmn bit in the serial mode register mn (SMRmn) (m: Unit number, n: Channel
number = 00 to 03, 10 to 13).
(TA = -40 to +105°C, 1.8 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(1/2)
Item
Symbols
Conditions
HS
(high-speed main)
mode
LS
(low-speed main)
mode
LP
(low-power main)
mode
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Transfer
rate
Reception
4.0 V ≤ VDD ≤ 5.5 V,
2.7 V ≤ Vb ≤ 4.0 V
fMCK/6
Note 1
fMCK/6
Note 1
fMCK/6
Note 1
bps
Theoretical value of the
maximum transfer rate
fMCK = fCLKNote 2
5.3
4
0.33
Mbps
2.7 V ≤ VDD < 4.0 V,
2.3 V ≤ Vb ≤ 2.7 V
fMCK/6
Note 1
fMCK/6
Note 1
fMCK/6
Note 1
bps
Theoretical value of the
maximum transfer rate
fMCK = fCLKNote 2
5.3
4
0.33
Mbps
1.8 V ≤ VDD < 3.3 V,
1.6 V ≤ Vb ≤ 2.0 V
fMCK/6
Notes 1, 3
fMCK/6
Notes 1, 3
fMCK/6
Notes 1, 3
bps
Theoretical value of the
maximum transfer rate
fMCK = fCLKNote 2
5.3
4
0.33
Mbps
HS (high-speed main) mode : 32 MHz (1.8 V ≤ VDD ≤ 5.5 V)
4 MHz (1.6 V ≤ VDD ≤ 5.5 V)
LS (low-speed main) mode : 24 MHz (1.8 V ≤ VDD ≤ 5.5 V)
4 MHz (1.6 V ≤ VDD ≤ 5.5 V)
LP (low-power main) mode : 2 MHz (1.6 V ≤ VDD ≤ 5.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com