Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLE3CFB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R7F100LLE3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLE3CFB Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R7F100LLE3CFB Datasheet HTML 3Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 4Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 5Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 6Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 7Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 8Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 9Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 10Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 148 page
background image
RL78/L23
1. Outline
R01DS0502EJ0110 Rev.1.10
Page 7 of 145
Oct 31, 2025
1.3
Pin Configuration (Top View)
1.3.1
44-pin products
• 44-pin plastic LQFP (10 × 10 mm, 0.80-mm pitch)
Note
Not present in products with 128 or fewer Kbytes of code flash memory.
Caution
Connect the REGC pin to VSS via a capacitor (0.47 to 1 µF).
Remark 1. For pin identification, see 1.4 Pin Identification.
Remark 2. Functions in parentheses can be assigned via settings in the peripheral I/O redirection registers (PIORx). For details, see
4.3.10 Peripheral I/O redirection registers (PIORx) in the RL78/L23 User’s Manual.
33 32 31 30 29 28 27 26 25 24 23
1
34
35
36
37
38
39
40
41
42
43
44
22
21
20
19
18
17
16
15
14
13
12
P57/INTP6/SEG11/TSCAP/(TI03)/(TO03)/(REMOOUT)
P76/KR6/SEG18/TS10/CCD01/TKBO00/RxD2/EI76/EO76/(INTP2)/(RTC1HZ)/(EXSDO1)
P77/KR7/SEG19/TS09/CCD00/TKBO01/TxD2/EI77/EO77/(TKBO21)Note/(TI07)/(TO07)/(INTP1)/(EXSDO0)
P125/VL3/TS02/(TI06)/(TO06)/(INTP7)/(SDA30)/(PCLBUZ1)
P85/VL4/(VCOUT0)/(INTP4)/(SCK10)/(SCL10)/(SCL30)
P86/VL2/(TI06)/(TO06)/(INTP3)/(RxD1)/(SI10)/(SDA10)/(PCLBUZ1)
P87/VL1/(TxD1)/(SO10)
P126/CAPL/TS01/(TI04)/(TO04)/(INTP4)
P127/CAPH/TS00/(TI03)/(TO03)/(REMOOUT)
P61/SDAA0/CCD05/EO61/(TI02)/(TO02)/(INTP4)
P60/SCLA0/CCD04/EO60/(TI01)/(TO01)/(INTP3)
RL78/L23
(Top View)
P00/SEG43/SO00/TxD0/TOOLTxD/EI00/EO00/EXSDI0/(TKBO01)/(TRJO0)
P20/ANI1/AVREFM/EI20/(TI00)/(INTP7)/(PCLBUZ1)
P21/ANI0/AVREFP/VBAT1/EI21/(TO00)/(INTP6)/(PCLBUZ0)
P22/ANI16/SEG29/SCK21/SCL21/(SCK00)/(SCL00)/(INTP7)
P26/ANI20/SEG33/ANO0/EI26/TxDA1/SI21/SDA21/(TKBO20)Note/(INTP5)/(RxD0)/(SI00)/(SDA00)/(EXSDI0)
P27/ANI21/SEG34/ANO1/EI27/RxDA1/SO21/(TKBO21)Note/(INTP4)/(TxD0)/(SO00)/(EXSDI1)
P10/ANI22/SEG35/TxDA0/SCK11/SCL11/(TKBO10)
Note/(INTP0)
P11/ANI23/SEG36/RxDA0/SI11/SDA11/(TKBO11)
Note/(TRJIO1)Note/(INTP1)
23 456 7 8 9 10 11
P17/SEG42/SI00/RxD0/TOOLRxD/SDA00/EI17/EO17/EXSDI1/(TKBO01)/(TRJIO0)
P16/SEG41/SCK00/SCL00/EI16/(VCOUT0)/(TKBO01)/(RTC1HZ)
P12/ANI24/SEG37/EI12/CLKA0/SO11/(TKBO00)/(TRJO1)Note/(PCLBUZ1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com