Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLE3CFB Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R7F100LLE3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLE3CFB Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R7F100LLE3CFB Datasheet HTML 87Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 88Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 89Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 90Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 91Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 92Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 93Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 94Page - Renesas Technology Corp R7F100LLE3CFB Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 91 of 145
Oct 31, 2025
5. In simplified I2C communications with devices operating at same voltage levels
Note 1.
The listed times must be no greater than fMCK/4.
Note 2.
Set fMCK so that it will not exceed the hold time when SCLr is low or high.
Caution
Select the normal input buffer and N-ch open-drain output (withstand voltage of VDD) mode for the SDAr pin, and
normal output mode for the SCLr pin by using the port input mode register (PIMg) and port output mode register
(POMh).
(Remarks are listed on the next page.)
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(2/2)
Item
Symbols
Conditions
HS
(high-speed main)
mode
LS
(low-speed main)
mode
LP
(low-power main)
mode
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Data setup time
(reception)
tSU:DAT
2.7 V ≤ VDD ≤ 5.5 V,
Cb = 50 pF, Rb = 2.7 kΩ
1/fMCK
+85
Note 2
1/fMCK
+85
Note 2
1/fMCK
+145
Note 2
ns
1.8 V ≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 kΩ
1/fMCK
+145
Note 2
1/fMCK
+145
Note 2
1/fMCK
+145
Note 2
ns
1.8 V ≤ VDD < 2.7 V,
Cb = 100 pF, Rb = 5 kΩ
1/fMCK
+230
Note 2
1/fMCK
+230
Note 2
1/fMCK
+230
Note 2
ns
1.6 V ≤ VDD < 1.8 V,
Cb = 100 pF, Rb = 5 kΩ
1/fMCK
+290
Note 2
1/fMCK
+290
Note 2
1/fMCK
+290
Note 2
ns
Data hold time
(transmission)
tHD:DAT
2.7 V ≤ VDD ≤ 5.5 V,
Cb = 50 pF, Rb = 2.7 kΩ
0
305
0
305
0
305
ns
1.8 V ≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 kΩ
0
355
0
355
0
355
ns
1.8 V ≤ VDD < 2.7 V,
Cb = 100 pF, Rb = 5 kΩ
0
405
0
405
0
405
ns
1.6 V ≤ VDD < 1.8 V,
Cb = 100 pF, Rb = 5 kΩ
0
405
0
405
0
405
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com