Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX72N Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # RX72N
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72N Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button RX72N Datasheet HTML 134Page - Renesas Technology Corp RX72N Datasheet HTML 135Page - Renesas Technology Corp RX72N Datasheet HTML 136Page - Renesas Technology Corp RX72N Datasheet HTML 137Page - Renesas Technology Corp RX72N Datasheet HTML 138Page - Renesas Technology Corp RX72N Datasheet HTML 139Page - Renesas Technology Corp RX72N Datasheet HTML 140Page - Renesas Technology Corp RX72N Datasheet HTML 141Page - Renesas Technology Corp RX72N Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 179 page
background image
R01DS0343EJ0120 Rev.1.20
Page 138 of 179
Nov 15, 2023
RX72N Group
2. Electrical Characteristics
2.4.7.12
QSPI
Note 1. tPBcyc: PCLKB cycle
Note 2. We recommend using pins that have a letter (“-A”, “-B”, etc.) to indicate group membership appended to their names as groups.
For the QSPI interface, the AC portion of the electrical characteristics is measured for each group.
Figure 2.70
QSPI Clock Timing
Figure 2.71
Transmit/Receive Timing (CPHA = 0)
Table 2.41
QSPI Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the drive capacity control register.
Item
Symbol
Min.
Max.
Unit*1
Test
Conditions*2
QSPI
QSPCLK clock cycle
tQScyc
2
4080
tPBcyc
Figure 2.70
Data input setup time
tSu
6.5
—
ns
Figure 2.71,
Figure 2.72
Data input hold time
tIH
5—
ns
SS setup time
tLEAD
1.5
8.5
tQScyc
SS hold time
tLAG
18
tQScyc
Data output delay time
tOD
—
10.0
ns
Data output hold time
tOH
–5
—
ns
Successive transmission delay time
tTD
18
tQScyc
tQScyc
QSPCLK
output
MSB IN
MSB OUT
LSB OUT
IDLE
DATA
LSB IN
DATA
QSSL
output
QSPCLK
CPOL = 0
output
QSPCLK
CPOL = 1
output
QMI,
QIO0 to QIO3
input
QMO,
QIO0 to QIO3
output
tLEAD
tLAG
tSU
tIH
tOH
tOD
tTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com