Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD4XX Datasheet(PDF) 75 Page - STMicroelectronics

Part # PSD4XX
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4XX Datasheet(HTML) 75 Page - STMicroelectronics

Back Button PSD4XX Datasheet HTML 71Page - STMicroelectronics PSD4XX Datasheet HTML 72Page - STMicroelectronics PSD4XX Datasheet HTML 73Page - STMicroelectronics PSD4XX Datasheet HTML 74Page - STMicroelectronics PSD4XX Datasheet HTML 75Page - STMicroelectronics PSD4XX Datasheet HTML 76Page - STMicroelectronics PSD4XX Datasheet HTML 77Page - STMicroelectronics PSD4XX Datasheet HTML 78Page - STMicroelectronics PSD4XX Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 123 page
background image
PSD4XX Family
72
PSD4XX Family
10.0
Page
Register
The PSD4XX has a programmable security bit which offers protection from unauthorized
duplication. When the security bit is set, the contents of the EPROM, the PSD4XX
non-volatile configuration bits and ZPLD data cannot be read by EPROM programmers.
The security bit is set through the PSDsoft Software and is embedded in the compiled
output file. The security bit is UV erasable and a secured part can be erased and then
re-programmed.
11.0
Security
Protection
Figure 35. Page Register
DPLD
RS0
GPLD
ZPLD
ES0 – 3
PGR0
PGR1
PGR2
PGR3
R/ W
D0
D0 – D3
D1
D2
D3
Q0
Q1
Q2
Q3
PAGE
REG.
RESET
The Page Register is 4 bits wide and consists of four D flip flops.The outputs of the Register
(PGR0 – PGR3) are connected to the input bus of the ZPLD. By including the four outputs
as inputs to the DPLD, the addressing capability of the microcontroller is increased by a
factor of 16.
Figure 37 shows the Page Register block diagram. Inputs to the four flip flops are connected
to data bus D0-D3. The output of the Register can be read by the microcontroller. The
Register can operate as an independent register to the microcontroller if page mode is not
implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com