Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD4XX Datasheet(PDF) 60 Page - STMicroelectronics

Part # PSD4XX
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4XX Datasheet(HTML) 60 Page - STMicroelectronics

Back Button PSD4XX Datasheet HTML 56Page - STMicroelectronics PSD4XX Datasheet HTML 57Page - STMicroelectronics PSD4XX Datasheet HTML 58Page - STMicroelectronics PSD4XX Datasheet HTML 59Page - STMicroelectronics PSD4XX Datasheet HTML 60Page - STMicroelectronics PSD4XX Datasheet HTML 61Page - STMicroelectronics PSD4XX Datasheet HTML 62Page - STMicroelectronics PSD4XX Datasheet HTML 63Page - STMicroelectronics PSD4XX Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 123 page
background image
9.3.12 Port C and Port D – Functionality and Structure
Ports C and D are identical in function and structure and each can be configured to perform
one or more of the following operating modes:
t Standard MCU I/O Mode
t PLD Input – direct input to ZPLD
(PSD4XXA2 and ZPSD4XXA2 Only)
t Address Out – latched address outputs
– Port C: A[0-7] are assigned to pins PC[0-7]
– Port D: A[0-7] for 8-bit multiplexed bus or A[8-15] for 16-bit multiplexed
bus are assigned to pins PD0-7]
t Data Port
– Port C: D[0-7] for 8-bit non-multiplexed bus
– Port D: D[8-15] for 16-bit non-multiplexed bus
t Open Drain – select CMOS or Open Drain driver
Figures 29 and 30 show the structure of a Port C or D pin. If the pin is configured as output
port, the multiplexer selects one of the two inputs as output. If the pin is configured as input,
the input connects to :
t Data In Register as input in the Standard MCU I/O Mode
or
t ZPLD input (PSD4XXA2 and ZPSD4XXA2 Only)
9.3.13 Port E – Functionality and Structure
Port E can be configured to perform one or more of the following functions:
t Standard MCU I/O Mode
t PLD I/O (PSD4XXA2 and ZPSD4XXA2 Only)
t Address Out – latched address lines A[0-7] are assigned to pins PE[0-7]
t Alternate Function In – in this mode, the inputs to Port E pins are:
– PE0
BHE or PSEN or WRH or UDS or SIZ0
– PE1 – ALE
– PE7
APD CLK :clock input for Automatic Power Down Counter
Figure 31 shows the structure of a Port E pin. The Control Logic block selects one of four
sources through the multiplexer for pin output. If the pin is configured as input, the input
goes to:
t Data In Register as input in Standard MCU I/O Mode
or
t PE Macrocell as PLD input (PSD4XXA2 and ZPSD4XXA2 Only)
or
t Alternate Function In
PSD4XX Family
57
PSD4XX Family
The PSD4XX
Architecture
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com