Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD4XX Datasheet(PDF) 29 Page - STMicroelectronics

Part # PSD4XX
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4XX Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PSD4XX Datasheet HTML 25Page - STMicroelectronics PSD4XX Datasheet HTML 26Page - STMicroelectronics PSD4XX Datasheet HTML 27Page - STMicroelectronics PSD4XX Datasheet HTML 28Page - STMicroelectronics PSD4XX Datasheet HTML 29Page - STMicroelectronics PSD4XX Datasheet HTML 30Page - STMicroelectronics PSD4XX Datasheet HTML 31Page - STMicroelectronics PSD4XX Datasheet HTML 32Page - STMicroelectronics PSD4XX Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 123 page
background image
PSD4XX Family
26
The PSD4XX
Architecture
(cont.)
9.1.2.2 The GPLD
The structure of the General Purpose PLD consists of a programmable AND ARRAY and
3 sets of I/O Macrocells. The ARRAY has 59 input signals, same as the DPLD. From these
inputs, “ANDed” functions are generated as product term inputs to the macrocells. The I/O
Macrocell sets are named after the I/O Ports they are linked to, e.g., the macrocells
connected to Port A are named PA Macrocells. The 3 sets of macrocells, PA, PB and PE,
are similar in structure and function.
Figure 13 shows the output/input path of a GPLD macrocell to the Port pin with which it is
associated. If the Port pin is specified as a GPLD output pin in PSDsoft, the MUX in the I/O
Port Cell selects the GPLD macrocell as an output of the Port pin. The output enable signal
to the buffer in the I/O cell can be controlled by a product term from the AND ARRAY.
If the Port pin is specified as a ZPLD input pin, the MUX in the GPLD macrocell selects the
Port input signal to be one of the 61 signals in the ZPLD Input Bus.
9.1.2.3 Port A Macrocell Structure
Figure 14 shows the PA Macrocell block, which consists of 8 identical macrocells.
Each macrocell output can be connected to its own I/O pin on Port A. There are 3 user
programmable global product terms output from the GPLD’s AND ARRAY which are
shared by all the macrocells in Port A:
t PA.OE
Enable or tri-state Port A output pins
t PA.PR
Preset D flip flop in the macrocells
t PA.RE
Reset/Clear D flip flop in the macrocells
Two other inputs, CLKIN and MACRO-RST, are used as clock and clear inputs to the D flip
flop. The CLKIN comes directly from the CLKIN input pin. The MACRO-RST is the same as
the Reset input pin except it is user configurable.
The circuit of a PA Macrocell is shown in Figure 15. There are 6 product terms from the
GPLD’s AND ARRAY as inputs to the macrocell. Users can select the polarity of the
output, and configure the macrocell to operate as:
t Registered Output
Select output from D flip flop
t Combinatorial Output
Select output from OR gate
t GPLD Input
Use Port A pin as dedicated input
t GPLD Output
Use Port A pin as dedicated output
t GPLD I/O
Use Port A pin as bidirectional pin
t Macrocell Feedback
Register feedback for state machine implementations or expander feedback from
the combinatorial output, to expand the number of product terms available to another
macrocell.
In case of "Buried Feedback", where the output of the macrocell is not connected to a
Port A pin, Port A can be configured to perform other user defined I/O functions.
The two global product terms assigned for asynchronous clear (PA.RE) and preset (PA.PR)
are mainly for proper PA Macrocell initialization. The macrocell flip-flop can also be cleared
during reset by MACRO-RST, if such an option is chosen. The clock source is always the
input clock CLKIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com