Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD4XX Datasheet(PDF) 25 Page - STMicroelectronics

Part # PSD4XX
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4XX Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PSD4XX Datasheet HTML 21Page - STMicroelectronics PSD4XX Datasheet HTML 22Page - STMicroelectronics PSD4XX Datasheet HTML 23Page - STMicroelectronics PSD4XX Datasheet HTML 24Page - STMicroelectronics PSD4XX Datasheet HTML 25Page - STMicroelectronics PSD4XX Datasheet HTML 26Page - STMicroelectronics PSD4XX Datasheet HTML 27Page - STMicroelectronics PSD4XX Datasheet HTML 28Page - STMicroelectronics PSD4XX Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 123 page
background image
PSD4XX Family
22
The PSD4XX
Architecture
(cont.)
9.1.2 The PSD4XXA2 ZPLD Block
Key Features
t 2 Embedded ZPLD devices
t 24 macrocells
t Combinatorial/registered outputs
t Maximum 126 product terms
t Programmable output polarity
t User configured register clear/preset
t User configured register clock input
t 59 Inputs
t Accessible via 24 I/O pins
t Power Saving Mode
t UV-Erasable
General Description
The ZPLD block has 2 embedded PLD devices:
t DPLD
The Address Decoding PLD, generating select signals to internal I/O or memory blocks.
t GPLD
The General Purpose PLD provides 24 programmable macrocells for general
or complex logic implementation; dedicated to user application.
Figure 11 shows the architecture of the ZPLD. The PLD devices all share the same
input bus. The true or complement of the 59 input signals are fed to the programmable
AND-ARRAY. Names and source of the input signals are shown in Table 4. The PA, PB, PE
signals, depending on user configuration, can either be macrocell feedbacks or inputs from
Port A, B or E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com