Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6040HDFPR Datasheet(PDF) 22 Page - Texas Instruments

Part # ISO6040HDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6040HDFPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO6040HDFPR Datasheet HTML 18Page - Texas Instruments ISO6040HDFPR Datasheet HTML 19Page - Texas Instruments ISO6040HDFPR Datasheet HTML 20Page - Texas Instruments ISO6040HDFPR Datasheet HTML 21Page - Texas Instruments ISO6040HDFPR Datasheet HTML 22Page - Texas Instruments ISO6040HDFPR Datasheet HTML 23Page - Texas Instruments ISO6040HDFPR Datasheet HTML 24Page - Texas Instruments ISO6040HDFPR Datasheet HTML 25Page - Texas Instruments ISO6040HDFPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
6.19 Switching Characteristics-2.5V Supply
VCC1 = VCC2 = 2.5V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
at 100kbps
See Section 7
13.1
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
1.2
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
1.2
Opposite-direction channels
1.2
tsk(pp)
Part-to-part skew time(3)
3
tr
Output signal rise time
See Section 7
5
tf
Output signal fall time
5
tPHZ
Disable propagation delay, high-to-high impedance output
28
tPLZ
Disable propagation delay, low-to-high impedance output
28
tPZH
Enable propagation delay, high impedance-to-high output for
device versions with Enable (EN)
See Section 7
25
ns
tPZL
Enable propagation delay, high impedance-to-low output for
device versions with Enable (EN)
26.5
tPU
Time from VCC UVLO to valid output data
VCC ramp < 1µs
80
µs
tDO
Default output delay time from input power loss
Measured from the time VCC goes
below VCC_UVLO–(MIN). See Section 7
20
µs
tie
Time interval error
216 – 1 PRBS data at 200Mbps, CL as
defined in Recommended Operating
Conditions, one channel switching
125
ps
tJCLK(RMS)
Clock Jitter (RMS)
10MHz clock input, rising/falling edges,
CL as defined in Recommended
Operating Conditions, one channel
switching
7
ps
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
www.ti.com
22
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com