Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6040HDFPR Datasheet(PDF) 30 Page - Texas Instruments

Part # ISO6040HDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6040HDFPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button ISO6040HDFPR Datasheet HTML 26Page - Texas Instruments ISO6040HDFPR Datasheet HTML 27Page - Texas Instruments ISO6040HDFPR Datasheet HTML 28Page - Texas Instruments ISO6040HDFPR Datasheet HTML 29Page - Texas Instruments ISO6040HDFPR Datasheet HTML 30Page - Texas Instruments ISO6040HDFPR Datasheet HTML 31Page - Texas Instruments ISO6040HDFPR Datasheet HTML 32Page - Texas Instruments ISO6040HDFPR Datasheet HTML 33Page - Texas Instruments ISO6040HDFPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
8 Detailed Description
8.1 Overview
The ISO604x family of devices have an edge based scheme to transmit the digital data across a silicon dioxide
based isolation barrier.
The digital input signal (IN) of the device is sampled by a transmitter and at every data edge the transmitter
sends a corresponding differential signal across the isolation barrier. When the input signal is static, the refresh
logic periodically sends the necessary differential signal from the transmitter. On the other side of the isolation
barrier, the receiver converts the differential signal into a single-ended signal which is output on the OUT pin
through a buffer. If the receiver does not receive a data or refresh signal, the timeout logic detects the loss of
signal or power from the input side and drives the output to the default level.
8.2 Functional Block Diagram
Refresh
Logic
INx
Differential
Signal
Transmitter
Receiver
Single-ended
Signal
OUTx
Timeout
Logic
ENx
Figure 8-1. Conceptual Block Diagram of an Edge Based Digital Isolator
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
www.ti.com
30
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com