Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6040HDFPR Datasheet(PDF) 41 Page - Texas Instruments

Part # ISO6040HDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6040HDFPR Datasheet(HTML) 41 Page - Texas Instruments

Back Button ISO6040HDFPR Datasheet HTML 37Page - Texas Instruments ISO6040HDFPR Datasheet HTML 38Page - Texas Instruments ISO6040HDFPR Datasheet HTML 39Page - Texas Instruments ISO6040HDFPR Datasheet HTML 40Page - Texas Instruments ISO6040HDFPR Datasheet HTML 41Page - Texas Instruments ISO6040HDFPR Datasheet HTML 42Page - Texas Instruments ISO6040HDFPR Datasheet HTML 43Page - Texas Instruments ISO6040HDFPR Datasheet HTML 44Page - Texas Instruments ISO6040HDFPR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
10.4 Device Nomenclature
ISO60 Xx Y PKG R
Package Designator
D = SOIC
DBQ = SSOP
DFB = SSOP
DFP = Wide-SSOP
DW = Wide-SOIC
Tape & Reel
Y = Default Output Level:
H = default output HIGH
L = default output LOW
X = Total number of channels
x = Number of reverse channels
Digital Isola on Family
Figure 10-1. Device Nomenclature
10.5 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
10.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
10.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
11 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from March 1, 2026 to August 7, 2026 (from Revision A (March 2026) to Revision B
(August 2026))
Page
• Updated document title for clarity of device performance.............................................................................. 0
• Added RMS clock jitter timing throughout the document....................................................................................1
• Changed the Part Number in the Package Information table to the general part numbers ISO604xL and
ISO604xH with footnote to refer to Device Comparison section for a more detailed list of device features and
package options by orderable part number. ...................................................................................................... 1
• Added ISO6040 and ISO6042 devices to the data sheet. .................................................................................2
• Added 16-DBQ and 16-DFP packages to the data sheet. ................................................................................ 2
• Added corrected for CL from 0pF to 15pF in Parametric Measurement Information section for switching
characteristics tests.......................................................................................................................................... 27
www.ti.com
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com