Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6040HDFPR Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO6040HDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6040HDFPR Datasheet(HTML) 4 Page - Texas Instruments

  ISO6040HDFPR Datasheet HTML 1Page - Texas Instruments ISO6040HDFPR Datasheet HTML 2Page - Texas Instruments ISO6040HDFPR Datasheet HTML 3Page - Texas Instruments ISO6040HDFPR Datasheet HTML 4Page - Texas Instruments ISO6040HDFPR Datasheet HTML 5Page - Texas Instruments ISO6040HDFPR Datasheet HTML 6Page - Texas Instruments ISO6040HDFPR Datasheet HTML 7Page - Texas Instruments ISO6040HDFPR Datasheet HTML 8Page - Texas Instruments ISO6040HDFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
5 Pin Configuration and Functions
1
VCC1
16
VCC2
2
GND1
15
GND2
3
INA
14
OUTA
4
INB
13
OUTB
5
INC
12
OUTC
6
IND
11
OUTD
7
NC
10
EN2
8
GND1
9
GND2
Not to scale
Figure 5-1. ISO6040H and ISO6040L Top View
1
VCC1
16
VCC2
2
GND1
15
GND2
3
INA
14
OUTA
4
INB
13
OUTB
5
INC
12
OUTC
6
OUTD
11
IND
7
EN1
10
EN2
8
GND1
9
GND2
Not to scale
Figure 5-2. ISO6041H and ISO6041L Top View
1
VCC1
16
VCC2
2
GND1
15
GND2
3
INA
14
OUTA
4
INB
13
OUTB
5
OUTC
12
INC
6
OUTD
11
IND
7
EN1
10
EN2
8
GND1
9
GND2
Not to scale
Figure 5-3. ISO6042H and ISO6042L Top View
Table 5-1. Pin Functions
PIN
Type(1)
DESCRIPTION
NAME
ISO6041H ,
ISO6041L
EN1
7
I
Output enable 1. Output pins on side 1 are enabled when EN1 is high or open and
in high-impedance state when EN1 is low.
EN2
10
I
Output enable 2. Output pins on side 2 are enabled when EN2 is high or open and
in high-impedance state when EN2 is low.
GND1
2,8
—
Ground connection for VCC1, connect both pins to Ground 1 through a low
impedance ground plane or connection.
GND2
9,15
—
Ground connection for VCC2, connect both pins to Ground 2 through a low
impedance ground plane or connection.
INA
3
I
Input, channel A
INB
4
I
Input, channel B
INC
5
I
Input, channel C
IND
11
I
Input, channel D
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com