Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6041HDFPR Datasheet(PDF) 24 Page - Texas Instruments

Part # ISO6041HDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6041HDFPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO6041HDFPR Datasheet HTML 20Page - Texas Instruments ISO6041HDFPR Datasheet HTML 21Page - Texas Instruments ISO6041HDFPR Datasheet HTML 22Page - Texas Instruments ISO6041HDFPR Datasheet HTML 23Page - Texas Instruments ISO6041HDFPR Datasheet HTML 24Page - Texas Instruments ISO6041HDFPR Datasheet HTML 25Page - Texas Instruments ISO6041HDFPR Datasheet HTML 26Page - Texas Instruments ISO6041HDFPR Datasheet HTML 27Page - Texas Instruments ISO6041HDFPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
6.21 Insulation Characteristics Curves
Insulation Characteristics Curves for Wide-SOIC (DW-16) Package
Ambient Temperature (°C)
0
20
40
60
80
100
120
140
0
100
200
300
400
500
600
700
800
900
VCC = 5.5V
VCC = 3.6V
VCC = 2.75V
VCC = 1.8V
Figure 6-1. Thermal Derating Curve for Safety
Limiting Current for Wide-SOIC (DW-16) Package
Ambient Temperature (°C)
0
20
40
60
80
100
120
140
0
200
400
600
800
1000
1200
1400
1600
1800
Figure 6-2. Thermal Derating Curve for Safety
Limiting Power for Wide-SOIC (DW-16) Package
Insulation Characteristics Curves for Wide-SSOP (DFP-16) Package
Ambient Temperature (°C)
0
20
40
60
80
100
120
140
0
100
200
300
400
500
600
700
VCC = 5.5V
VCC = 3.6V
VCC = 2.75V
VCC = 1.8V
Figure 6-3. Thermal Derating Curve for Safety
Limiting Current for Wide-SSOP (DFP-16) Package
Ambient Temperature (°C)
0
20
40
60
80
100
120
140
0
200
400
600
800
1000
1200
1400
Figure 6-4. Thermal Derating Curve for Safety
Limiting Power for Wide-SSOP (DFP-16) Package
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
www.ti.com
24
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com