Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6041HDFPR Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO6041HDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6041HDFPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO6041HDFPR Datasheet HTML 6Page - Texas Instruments ISO6041HDFPR Datasheet HTML 7Page - Texas Instruments ISO6041HDFPR Datasheet HTML 8Page - Texas Instruments ISO6041HDFPR Datasheet HTML 9Page - Texas Instruments ISO6041HDFPR Datasheet HTML 10Page - Texas Instruments ISO6041HDFPR Datasheet HTML 11Page - Texas Instruments ISO6041HDFPR Datasheet HTML 12Page - Texas Instruments ISO6041HDFPR Datasheet HTML 13Page - Texas Instruments ISO6041HDFPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
PARAMETER
TEST CONDITIONS
PACKAGE
UNIT
16-DW
16-DFP
16-DBQ
VISO
Withstand isolation voltage
VTEST = VISO , t = 60s (qualification);
VTEST = 1.2 × VISO , t = 1s (100%
production)
5000
5000
3000
VRMS
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application.
Care should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the
isolator on the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal
in certain cases. Techniques such as inserting grooves, ribs, or both on a printed circuit board are used to help increase these
specifications.
(2)
This device is suitable for safe electrical insulation only within the safety ratings. Compliance with the safety ratings shall be ensured
by means of suitable protective circuits.
(3)
Testing is carried out in air to determine the surge immunity of the package.
(4)
Testing is carried out in oil to determine the intrinsic surge immunity of the isolation barrier.
(5)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(6)
All pins on each side of the barrier tied together creating a two-pin device.
(7)
1000VRMS per IEC 60664-1 for pollution degree 1, basic isolation use cases. For reinforced isolation use cases the working voltage is
package limited to 500VRMS for pollution degree 1. Please refer to IEC 60664-1 or relevant standard for other use cases and pollution
degrees.
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
www.ti.com
10
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com