Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6041HDFPR Datasheet(PDF) 31 Page - Texas Instruments

Part # ISO6041HDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6041HDFPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button ISO6041HDFPR Datasheet HTML 27Page - Texas Instruments ISO6041HDFPR Datasheet HTML 28Page - Texas Instruments ISO6041HDFPR Datasheet HTML 29Page - Texas Instruments ISO6041HDFPR Datasheet HTML 30Page - Texas Instruments ISO6041HDFPR Datasheet HTML 31Page - Texas Instruments ISO6041HDFPR Datasheet HTML 32Page - Texas Instruments ISO6041HDFPR Datasheet HTML 33Page - Texas Instruments ISO6041HDFPR Datasheet HTML 34Page - Texas Instruments ISO6041HDFPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
8.3 Feature Description
Table 8-1 provides an overview of the device features.
Table 8-1. Device Features
PART NUMBER
CHANNEL DIRECTION
MAXIMUM DATA RATE
DEFAULT OUTPUT
ISO6040H
4 Forward
0 Reverse
200Mbps
High
ISO6040L
4 Forward
0 Reverse
200Mbps
Low
ISO6041H
3 Forward
1 Reverse
200Mbps
High
ISO6041L
3 Forward
1 Reverse
200Mbps
Low
ISO6042H
2 Forward
2 Reverse
200Mbps
High
ISO6042L
2 Forward
2 Reverse
200Mbps
Low
8.3.1 Electromagnetic Compatibility (EMC) Considerations
Many applications in harsh industrial environment are sensitive to disturbances such as electrostatic discharge
(ESD), electrical fast transient (EFT), surge and electromagnetic emissions. These electromagnetic disturbances
are defined and tested by international standards such as IEC 61000-4-x and CISPR 32. Although system-level
performance and reliability depends, to a large extent, on the application board design and layout, the ISO604x
family of devices incorporates many chip-level design techniques to help overall system robustness.
8.4 Device Functional Modes
The following table lists the functional modes for the ISO604x devices.
Table 8-2. Function Table
VCCI(1)
VCCO
INPUT
(INx)
OUTPUT
ENABLE
(ENx)
OUTPUT
(OUTx)
COMMENTS
PU
PU
H
H or open
H
Normal Operation: A channel output assumes the logic state of the
input.
L
H or open
L
Open
H or open
Default
Default mode: When INx is open, the corresponding channel output
goes to the default logic state. Default is High for ISO604xH and Low
for ISO604xL (with F suffix).
X
PU
X
L
Z
A low value of output enable causes the outputs to be high-
impedance.
PD
PU
X
H or open
Default
Default mode: When VCCI is unpowered, a channel output assumes
the logic state based on the selected default option. Default is High
for ISO604xH and Low for ISO604xL (with F suffix).
When VCCI transitions from unpowered to powered-up, a channel
output assumes the logic state of the input.
When VCCI transitions from powered-up to unpowered, channel
output assumes the selected default state.
X
PD
X
X
Undetermined
When VCCO is unpowered, a channel output is undetermined(2). When
VCCO transitions from unpowered to powered-up, a channel output
assumes the logic state of the input.
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC; PU = Powered up (VCC ≥ VCC_RO(MIN)); PD = Powered down (VCC ≤ VCC_UVLO–); X =
Irrelevant; H = High level; L = Low level; Z = High Impedance
(2)
The outputs are in undetermined state when VCC_UVLO– ≤ VCCI or VCCO < VCC ≥ VCC_RO(MIN).
www.ti.com
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com