Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6041HDFPR Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO6041HDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6041HDFPR Datasheet(HTML) 1 Page - Texas Instruments

  ISO6041HDFPR Datasheet HTML 1Page - Texas Instruments ISO6041HDFPR Datasheet HTML 2Page - Texas Instruments ISO6041HDFPR Datasheet HTML 3Page - Texas Instruments ISO6041HDFPR Datasheet HTML 4Page - Texas Instruments ISO6041HDFPR Datasheet HTML 5Page - Texas Instruments ISO6041HDFPR Datasheet HTML 6Page - Texas Instruments ISO6041HDFPR Datasheet HTML 7Page - Texas Instruments ISO6041HDFPR Datasheet HTML 8Page - Texas Instruments ISO6041HDFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital
Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
1 Features
• Functional Safety-Capable (Planned)
– Documentation available to aid IEC 61508
system design
• Supports High Bandwidth and Clock Sensitive
Applications
– Up to 200Mbps data rate
– Low Propagation Delay: 9ns maximum at 5V,
10ns maximum at 3.3V
– SPI up to: 27.75MHz at 5V, 25MHz at 3.3V
– Low Pulse Width Distortion: 1.2ns maximum at
5V, 1.2ns maximum at 3.3V
– Low Jitter: 7ps (RMS) typical supports low
impact to ADC and DAC SNR for the sample
clock signal
– Low Channel to Channel Skew: 1.2ns
maximum at 5V, 1.2ns maximum at 3.3V
– Low Part to Part Skew: 3ns maximum at 5V,
3ns maximum at 3.3V
• Supports High Channel Density Applications:
– Low Power: 0.635mA maximum per channel at
1Mbps and 3.3V
– Small Footprint Packages: SSOP (DBQ-16) ,
Wide-SSOP (DFP-16)
• Robust SiO2 isolation barrier:
– High lifetime at up to 1061VRMS and 1500VDC
working voltage
– Wide temperature range: –40°C to 125°C
– Up to 5000VRMS isolation rating
– Up to 10.4kV surge capability
– Up to ±175kV/μs typical CMTI
• Supply range: 1.71V to 5.5V
• Overvoltage tolerant inputs
• Default output high ( ISO604xH ) and low
( ISO604xL ) options
• Robust electromagnetic compatibility (EMC)
– System-level ESD, EFT, and surge immunity
– Low emissions
• Safety-Related Certifications (Planned):
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577 and CSA CAS Notice No. 5A
– IEC 62368-1, IEC 61010-1 and GB 4943.1
certifications
2 Applications
• Test and Measurement
• Data Acquisition
• Factory Automation
• Medical and Healthcare
3 Description
The ISO604x devices are high performance digital
isolators. The devices are certified by VDE, UL,
TUV, and CQC. See the Safety-Related Certifications
section for details.
The ISO604x devices provide high data rates at very
low supply current with low propagation delay, low
jitter and low channel to channel and part to part skew
while isolating CMOS or LVCMOS digital I/Os. These
devices come with enable pins that can be used to put
the respective outputs in high impedance.
Devices in the family have channel configurations for
specific numbers of forward and reverse directions
across the isolation barrier, default output levels, and
packaging. See the Device Comparison section for
details on the device configurations. Four channel
devices accommodate four channel designs, including
SPI, RS-485, and digital I/O applications. Multiple four
channel devices or combinations with two and six
channel devices can be used to transmit any number
of parallel I/O, SPI chip selects, status or fault signals
required by the application.
Package Information
PART NUMBER(1) (3)
PACKAGE
PACKAGE SIZE(2)
ISO604xH , ISO604xL
Wide-SOIC (DW-16) (3)
10.3mm × 10.3mm
ISO604xH , ISO604xL
Wide-SSOP (DFP-16) (3)
10.3mm × 4.6mm
ISO604xH , ISO604xL
SSOP (DBQ-16) (3)
6mm x 4.9mm
(1)
For more information, see Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
Please refer to Device Comparison and Packaging
Information table on the Package Option Addendum page
in the Mechanical, Packaging, and Orderable Information
section for device details and Production or Preproduction
status for specific device and package.
OUTx
GNDO
GNDI
V
CCO
V
CCI
INx
ENx
VCCI=Input supply, VCCO=Output supply
GNDI=Input ground, GNDO=Output ground
Simplified Schematic
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - ISO6041HDFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO6041HDFPR TI2-ISO6041HDFPR Datasheet
2Mb / 51P
ISO604x Low Power with High Bandwidth, Reinforced, Quad-Channel Digital Isolators
REVISED MARCH 2026
ISO6041HDFPR TI2-ISO6041HDFPR Datasheet
2Mb / 52P
ISO604x Low Power with High Bandwidth, Reinforced, Quad-Channel Digital Isolators
REVISED MARCH 2026
ISO6041HDFPR TI2-ISO6041HDFPR Datasheet
2Mb / 56P
ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
REVISED AUGUST 2026
More results

Similar Description - ISO6041HDFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC5801 TI-CDC5801 Datasheet
214Kb / 16P
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
ISO7142CC TI-ISO7142CC_15 Datasheet
954Kb / 26P
VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7142CC-Q1 TI1-ISO7142CC-Q1 Datasheet
998Kb / 26P
Small-Footprint and Low-Power Quad Channel Digital Isolator
logo
Maxim Integrated Produc...
USB2GPIOISO MAXIM-USB2GPIOISO Datasheet
1Mb / 8P
Low Propagation Delay 10ns, Typical
Rev 0; 4/18
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Analog Devices
MAX22440 AD-MAX22440 Datasheet
1Mb / 28P
Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
Rev 3; 03/23
logo
Skyworks Solutions Inc.
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
Analog Devices
MAX22440 AD-MAX22440_V01 Datasheet
1Mb / 28P
Reinforced, Ultra-Low-Power, 4-Channel Digital Isolators
19-101556; Rev 4; 8/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com