Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT9761 Datasheet(PDF) 13 Page - Intel Corporation

Part # LXT9761
Description  Fast Ethernet 10/100 Multi-Port Transceiver with RMII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9761 Datasheet(HTML) 13 Page - Intel Corporation

Back Button LXT9761 Datasheet HTML 9Page - Intel Corporation LXT9761 Datasheet HTML 10Page - Intel Corporation LXT9761 Datasheet HTML 11Page - Intel Corporation LXT9761 Datasheet HTML 12Page - Intel Corporation LXT9761 Datasheet HTML 13Page - Intel Corporation LXT9761 Datasheet HTML 14Page - Intel Corporation LXT9761 Datasheet HTML 15Page - Intel Corporation LXT9761 Datasheet HTML 16Page - Intel Corporation LXT9761 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
Fast Ethernet 10/100 Multi-Port Transceiver with RMII — LXT9761/9781
Datasheet
13
Table 1.
LXT97x1 RMII Signal Descriptions
9761 Pin#
9781 Pin#
Symbol
Type1
Signal Description2, 3
PQFP
PQFP
PBGA
RMII Data Interface Pins
92
92
Y15
REFCLK
I
Reference Clock. 50 MHz RMII reference clock is required
at this pin. The LXT97x1 samples RMII inputs on the rising
edge of REFCLK, and drives RMII outputs on the falling
edge.
66
69
66
69
V7
W7
TXD0_0
TXD0_1
I
Transmit Data - Port 0. Inputs containing 2-bit parallel di-bits
to be transmitted from port 0 are clocked in synchronously to
REFCLK.
59
60
59
60
W4
V4
TXD1_0
TXD1_1
I
Transmit Data - Port 1. Inputs containing 2-bit parallel di-bits
to be transmitted from port 1 are clocked in synchronously to
REFCLK.
46
47
46
47
T2
T3
TXD2_0
TXD2_1
I
Transmit Data - Port 2. Inputs containing 2-bit parallel di-bits
to be transmitted from port 2 are clocked in synchronously to
REFCLK.
23
24
39
40
P3
P4
TXD3_0
TXD3_1
I
Transmit Data - Port 3. Inputs containing 2-bit parallel di-bits
to be transmitted from port 3 are clocked in synchronously to
REFCLK.
14
17
30
33
L3
L4
TXD4_0
TXD4_1
I
Transmit Data - Port 4. Inputs containing 2-bit parallel di-bits
to be transmitted from port 4 are clocked in synchronously to
REFCLK.
7
8
23
24
J3
J4
TXD5_0
TXD5_1
I
Transmit Data - Port 5. Inputs containing 2-bit parallel di-bits
to be transmitted from port 5 are clocked in synchronously to
REFCLK.
–
14
17
F4
G2
TXD6_0
TXD6_1
I
Transmit Data - Port 6. Inputs containing 2-bit parallel di-bits
to be transmitted from port 6 are clocked in synchronously to
REFCLK.
–
7
8
D3
D4
TXD7_0
TXD7_1
I
Transmit Data - Port 7. Inputs containing 2-bit parallel di-bits
to be transmitted from port 7 are clocked in synchronously to
REFCLK.
65
58
45
22
13
6
–
–
65
58
45
38
29
22
13
6
Y5
W3
T1
P1
L2
J2
F3
D2
TXEN0
TXEN1
TXEN2
TXEN3
TXEN4
TXEN5
TXEN6
TXEN7
I
Transmit Enable - Ports 0 - 7. Active High input enables
respective port transmitter. This signal must be synchronous
to the REFCLK.
62
61
62
61
U7
U6
RXD0_0
RXD0_1
O
Receive Data - Port 0. Receive data signals (2-bit parallel di-
bits) are driven synchronously to REFCLK.
55
54
55
54
Y2
V2
RXD1_0
RXD1_1
O
Receive Data - Port 1. Receive data signals (2-bit parallel di-
bits) are driven synchronously to REFCLK.
1. Type Column Coding: I = Input, O = Output, OD = Open Drain
2. The LXT97x1 supports the 802.3 MDIO register set. Specific bits in the registers are referenced using an “X.Y” notation,
where X is the register number (0-32) and Y is the bit number (0-15).
3. Ports 6 and 7 are available only on the LXT9781. These pins are not bonded out on the LXT9761.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com