Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT9761 Datasheet(PDF) 49 Page - Intel Corporation

Part # LXT9761
Description  Fast Ethernet 10/100 Multi-Port Transceiver with RMII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9761 Datasheet(HTML) 49 Page - Intel Corporation

Back Button LXT9761 Datasheet HTML 45Page - Intel Corporation LXT9761 Datasheet HTML 46Page - Intel Corporation LXT9761 Datasheet HTML 47Page - Intel Corporation LXT9761 Datasheet HTML 48Page - Intel Corporation LXT9761 Datasheet HTML 49Page - Intel Corporation LXT9761 Datasheet HTML 50Page - Intel Corporation LXT9761 Datasheet HTML 51Page - Intel Corporation LXT9761 Datasheet HTML 52Page - Intel Corporation LXT9761 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
Fast Ethernet 10/100 Multi-Port Transceiver with RMII — LXT9761/9781
Datasheet
49
Figure 23. Typical Fiber Interface
1. Refer to fiber transceiver manufacturer’s recommendations for termination circuitry.
Example shown above is suitable for HFBR5900-series devices.
TPFONn
TPFOPn
TPFINn
TPFIPn
50
Ω
50
Ω
Fiber Txcvr
0.1
mF
82
Ω
82
Ω
130
Ω
130
Ω
0.1
mF
TD-
TD+
RD-
RD+
GNDD
GNDD
GNDD
1
SD/TPn
LXT97x1
SD
130
Ω
82
Ω
GNDD
VCCD
+3.3V
VCCD
+3.3V
VCCD
+3.3V
16
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com