Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT9761 Datasheet(PDF) 21 Page - Intel Corporation

Part # LXT9761
Description  Fast Ethernet 10/100 Multi-Port Transceiver with RMII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9761 Datasheet(HTML) 21 Page - Intel Corporation

Back Button LXT9761 Datasheet HTML 17Page - Intel Corporation LXT9761 Datasheet HTML 18Page - Intel Corporation LXT9761 Datasheet HTML 19Page - Intel Corporation LXT9761 Datasheet HTML 20Page - Intel Corporation LXT9761 Datasheet HTML 21Page - Intel Corporation LXT9761 Datasheet HTML 22Page - Intel Corporation LXT9761 Datasheet HTML 23Page - Intel Corporation LXT9761 Datasheet HTML 24Page - Intel Corporation LXT9761 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
Fast Ethernet 10/100 Multi-Port Transceiver with RMII — LXT9761/9781
Datasheet
21
2.0
Functional Description
2.1
Introduction
The LXT9781 is an eight-port Fast Ethernet 10/100 Transceiver that supports 10 Mbps and 100
Mbps networks. It complies with all applicable requirements of IEEE 802.3. The LXT9781
provides a Reduced MII (RMII) for each individual network port to interface with multiple 10/100
MACs. Each port can directly drive either a 100BASE-TX line (up to 100 meters) or a 10BASE-T
line (up to 185 meters). The LXT9781 also supports 100BASE-FX operation via a Pseudo-ECL
(PECL) interface. The LXT9761 offers the same features and functionality in a six-port device.
This data sheet uses the singular designation “LXT97x1” to refer to both devices.
2.1.1
OSP™ Architecture
Intel's LXT97x1 incorporates high-efficiency Optimal Signal Processing™ design techniques,
combining the best properties of digital and analog signal processing to produce a truly optimal
device.
The receiver utilizes decision feedback equalization to increase noise and cross-talk immunity by
as much as 3 dB over an ideal all-analog equalizer. Using OSP mixed-signal processing techniques
in the receive equalizer avoids the quantization noise and calculation truncation errors found in
traditional DSP-based receivers (typically complex DSP engines with A/D converters). The result
is improved receiver noise and cross-talk performance.
The OSP architecture also requires substantially less computational logic than traditional DSP-
based designs. This lowers power consumption and also reduces the logic switching noise
generated by DSP engines clocked at speeds up to 125 MHz. The logic switching noise can be a
considerable source of EMI generated on the device’s power supplies.
The OSP-based LXT97x1 provides improved data recovery, EMI performance and power
consumption.
2.1.2
Comprehensive Functionality
The LXT97x1 performs all functions of the Physical Coding Sublayer (PCS) and Physical Media
Attachment (PMA) sublayer as defined in the IEEE 802.3 100BASE-X specification. This device
also performs all functions of the Physical Media Dependent (PMD) sublayer for 100BASE-TX
connections.
On power-up, the LXT97x1 reads its configuration pins to check for forced operation settings. If
not configured for forced operation, each port uses auto-negotiation/parallel detection to
automatically determine line operating conditions. If the PHY device on the other side of the link
supports auto-negotiation, the LXT97x1 will auto-negotiate with it using Fast Link Pulse (FLP)
Bursts. If the PHY partner does not support auto-negotiation, the LXT97x1 will automatically
detect the presence of either link pulses (10 Mbps PHY) or Idle symbols (100 Mbps PHY) and set
its operating conditions accordingly.
The LXT97x1 provides half-duplex and full-duplex operation at 100 Mbps and 10 Mbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com