Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT9761 Datasheet(PDF) 39 Page - Intel Corporation

Part # LXT9761
Description  Fast Ethernet 10/100 Multi-Port Transceiver with RMII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9761 Datasheet(HTML) 39 Page - Intel Corporation

Back Button LXT9761 Datasheet HTML 35Page - Intel Corporation LXT9761 Datasheet HTML 36Page - Intel Corporation LXT9761 Datasheet HTML 37Page - Intel Corporation LXT9761 Datasheet HTML 38Page - Intel Corporation LXT9761 Datasheet HTML 39Page - Intel Corporation LXT9761 Datasheet HTML 40Page - Intel Corporation LXT9761 Datasheet HTML 41Page - Intel Corporation LXT9761 Datasheet HTML 42Page - Intel Corporation LXT9761 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
Fast Ethernet 10/100 Multi-Port Transceiver with RMII — LXT9761/9781
Datasheet
39
Each serial output reports a specific status condition for all ports. Ports 0 through 7 are assigned
bits 0:7 in each stream (bits 3 and 4 are not used on the LXT9761).
Serial outputs report the following conditions for each port:
• LEDS0 Serial Output indicates Activity.
0 = Active1 = Inactive
• LEDS1 Serial Output indicates Polarity
0 = Switched Polarity1 = Normal Polarity
• LEDS2 Serial Output indicates Duplex (D).
0 = Full Duplex1 = Half Duplex
• LEDS3 Serial Output indicates Link.
0 = Link active1 = Link inactive
• LEDS4 Serial Output indicates Collision.
0 = Collision active1 = Collision inactive
• LEDS5 Serial Output indicates Receive.
0 = Receive active1 = Receive inactive
• LEDS6 Serial Output indicates Transmit.
0 = Transmit active1 = Transmit inactive
• LEDS7 Serial Output indicates Speed.
0 = 100 Mbps1 = 10 Mbps
Figure 17. Serial LED Streams
LEDCLK
LEDS(0)
LEDLATCH
LEDS(1)
LEDS(2)
LEDS(4)
LEDS(5)
LEDS(3)
LEDS(6)
LEDS(7)
activity
(port 0)
activity
(port 1)
activity
(port 2)
activity
(port 3)
activity
(port 4)
activity
(port 5)
(port 6)
(port 7)
activity
(port 0)
activity
(port 1)
activity
(port 2)
activity
(port 3)
activity
(port 4)
activity
(port 5)
polarity
(port 0)
polarity
(port 1)
polarity
(port 2)
polarity
(port 3)
polarity
(port 4)
polarity
(port 5)
(port 6)
(port 7)
polarity
(port 0)
polarity
(port 1)
polarity
(port 2)
polarity
(port 3)
polarity
(port 4)
polarity
(port 5)
duplex
(port 0)
duplex
(port 1)
duplex
(port 2)
duplex
(port 3)
duplex
(port 4)
duplex
(port 5)
(port 6)
(port 7)
duplex
(port 0)
duplex
(port 1)
duplex
(port 2)
duplex
(port 3)
duplex
(port 4)
duplex
(port 5)
collision
(port 0)
collision
(port 1)
collision
(port 2)
collision
(port 3)
collision
(port 4)
collision
(port 5)
(port 6)
(port 7)
collision
(port 0)
collision
(port 1)
collision
(port 2)
collision
(port 3)
collision
(port 4)
collision
(port 5)
receive
(port 0)
receive
(port 1)
receive
(port 2)
receive
(port 3)
receive
(port 4)
receive
(port 5)
(port 6)
(port 7)
receive
(port 0)
receive
(port 1)
receive
(port 2)
receive
(port 3)
receive
(port 4)
receive
(port 5)
link
(port 0)
link
(port 1)
link
(port 2)
link
(port 3)
link
(port 4)
link
(port 5)
(port 6)
(port 7)
link
(port 0)
link
(port 1)
link
(port 2)
link
(port 3)
link
(port 4)
link
(port 5)
transmit
(port 0)
transmit
(port 1)
transmit
(port 2)
transmit
(port 3)
transmit
(port 4)
transmit
(port 5)
(port 6)
(port 7)
transmit
(port 0)
transmit
(port 1)
transmit
(port 2)
transmit
(port 3)
transmit
(port 4)
transmit
(port 5)
speed
(port 0)
speed
(port 1)
speed
(port 2)
speed
(port 3)
speed
(port 4)
speed
(port 5)
(port 6)
(port 7)
speed
(port 0)
speed
(port 1)
speed
(port 2)
speed
(port 3)
speed
(port 4)
speed
(port 5)
activity
activity
polarity
polarity
duplex
duplex
link
link
collision collision
receive
receive
transmit
transmit
speed
speed
(1 MHz)
Alternate Port Positions for LXT9761
Port 0
Port 1
Port 2
Spare
Port 3
Port 4
Port 5
Port 0
Port 1
Port 2
Spare
Spare
Port 3
Spare
Port 5
LEDS(0:7)
Spare on LXT9761
Spare on LXT9761



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com