Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8951L Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8951L
Description  Stereo ADC with Microphone Input and Clock Generator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8951L Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8951L Datasheet HTML 12Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 13Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 14Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 15Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 16Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 17Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 18Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 19Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
WM8951L
Production Data
w
PD Rev 4.1 December 2007
16
The line inputs are biased internally through the operational amplifier to VMID. Whenever the line
inputs are muted or the device placed into standby mode, the line inputs are kept biased to VMID
using special anti-thump circuitry. This reduces any audible clicks that may otherwise be heard when
re-activating the inputs.
The external components required to complete the line input application is shown in the Figure 10.
AGND
AGND
R1
R2
C1
C2
AGND
LINEIN
Figure 10 Line Input Application Drawing
For interfacing to a typical CD system, it is recommended that the input is scaled to ensure that there
is no clipping of the signal. R1 = 5.6k, R2 = 5.6k, C1 = 220pF, C2 = 1
µF.
R1 and R2 form a resistive divider to attenuate the 2 Vrms output from a CD player to a 1 Vrms level,
so avoiding overloading the inputs. R2 also provides a discharge path for C2, thus preventing the
input to C2 charging to an excessive voltage which may otherwise damage any equipment connected
that is not suitably protected against high voltages. C1 forms an RF low pass filter for increasing the
rejection of RF interference picked up on any cables. C2 forms a DC blocking capacitor to remove
the DC path between the WM8951L and the driving audio equipment. C2 together with the input
impedance of the WM8951L form a high pass filter.
MICROPHONE INPUT
MICIN is a high impedance, low capacitance input suitable for connection to a wide range of
monophonic microphones of different dynamics and sensitivities.
The MICIN includes programmable volume adjustments and a mute function. The scheme is shown
in Figure 11. Passive RF and active Anti-Alias filters are also incorporated within the microphone
inputs. These allow a matched interface to the multi-bit oversampling ADC and preventing high
frequencies aliasing into the audio band or otherwise degrading performance.
50k
10k
VMID
MICIN
To
ADC
VMID
20dB GAIN BOOST
Figure 11 Microphone Input Schematic
There are 2 stages of gain made up of two low noise inverting operational amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com