Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8951L Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8951L
Description  Stereo ADC with Microphone Input and Clock Generator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8951L Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8951L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 31Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 32Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 33Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 34Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 35Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
WM8951L
Production Data
w
PD Rev 4.1 December 2007
32
The controller will then send the remaining eight data bits (bits B7-B0) and the WM8951L will then
acknowledge again by pulling SDIN low.
A stop condition is defined when there is a low to high transition on SDIN while SCLK is high. If a
start or stop condition is detected out of sequence at any point in the data transfer then the device
will jump to the idle condition.
After receiving a complete address and data sequence the WM8951L returns to the idle state and
waits for another start condition. Each write to a register requires the complete sequence of start
condition, device address and R/W bit followed by the 16 register address and data bits.
POWER DOWN MODES
The WM8951L contains power conservation modes in which various circuit blocks may be safely
powered down in order to conserve power. This is software programmable as shown in the table
below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
LINEINPD
1
Line Input Power Down
1 = Enable Power Down
0 = Disable Power Down
1
MICPD
1
Microphone Input an Bias
Power Down
1 = Enable Power Down
0 = Disable Power Down
2
ADCPD
1
ADC Power Down
1 = Enable Power Down
0 = Disable Power Down
5
OSCPD
0
Oscillator Power Down
1 = Enable Power Down
0 = Disable Power Down
6
CLKOUTPD
0
CLKOUT power down
1 = Enable Power Down
0 = Disable Power Down
0000110
Power Down
Control
7
POWEROFF
1
Power Off Device
1 = Device Power Off
0 = Device Power On
Table 20 Power Conservation Modes Software Control
The power down control can be used to either a) permanently disable functions when not required in
certain applications or b) to dynamically power up and down functions depending on the operating
mode, e.g.: during record. Please follow the special instructions below if dynamic implementations
are being used.
LINEINPD: Simultaneously powers down both the Line Inputs. This can be done dynamically without
any audible effects on the ADC. This is of use when the device enters Pause or Stop modes or the
Microphone input has been selected.
MICPD: Simultaneously powers down both the Microphone Input and Microphone Bias. If this is done
dynamically, audible pops through the ADC will result. This will only be audible if the Microphone
Input is selected to the ADC at the time. If the state of MICPD is changed then the controlling DSP or
microprocessor should switch to select the Line Inputs as input to the ADC (INSEL) before changing
MICPD. This is of use when the device enters Pause or Stop modes or the Microphone Input is not
selected.
ADCPD: Powers down the ADC and ADC Filters. If this is done dynamically then audible pops will
result if any signals were present through the ADC. To overcome this whenever the ADC is to be
powered down, either mute the Microphone Input (MUTEIN) or MUTELINEIN, then change ADCPD.
This is of use when the device enters Pause or Stop modes regardless of whether Microphone or
Line Inputs are selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com