Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8951L Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8951L
Description  Stereo ADC with Microphone Input and Clock Generator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8951L Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8951L Datasheet HTML 17Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 18Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 19Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 20Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Production Data
WM8951
w
PD Rev 4.1 December 2007
21
XTI/MCLK
XTO
DGND
DGND
Cp
Cp
Figure 16 Crystal Oscillator Application Circuit
The WM8951L crystal oscillator provides an extremely low jitter clock source. Low jitter clocks are a
requirement for high quality audio ADCs, regardless of the converter architecture. The WM8951L
architecture is less susceptible than most converter techniques but still requires clocks with less than
approximately 1ns of jitter to maintain performance. In applications where there is more than one
source for the master clock, it is recommended that the clock is generated by the WM8951L to
minimise such problems.
CLOCKOUT
The Core Clock is internally buffered and made available externally to the audio system on the
CLKOUT output pin. CLKOUT provides a replication of the Core Clock, but buffered as suitable for
driving external loads.
There is no phase inversion between XTI/MCLK, the Core Clock and CLOCKOUT but there will
inevitably be some delay. The delay will be dependent on the load that CLOCKOUT drives. Refer to
Electrical Characteristics.
CLKOUT can also be divided by 2 under software control, refer to Table 8. Note that if CLKOUT is
not required then the CLKOUT buffer on the WM8951L can be safely powered down to conserve
power (see POWER DOWN section). If the system architect has the choice between using FCLKOUT =
FMCLK or FCLKOUT = FMCLK/2 in the interface, the latter is recommended to conserve power. When the
divide by two is selected CLKOUT changes on the rising edge of MCLK. Please refer to Electrical
Characteristics for timing information.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001000
Sampling
Control
7
CLKODIV2
0
CLKOUT divider select
1 = CLOCKOUT is Core Clock
divided by 2
0 = CLOCKOUT is Core Clock
Table 8 Programming CLKOUT
CLKOUT is disabled and set low whenever the device is in reset.
DIGITAL AUDIO INTERFACES
WM8951L may be operated in either one of the 4 offered audio interface modes. These are:
•
Right justified
•
Left justified
•
I2S
•
DSP mode
All four of these modes are MSB first and operate with data 16 to 32 bits.
Note that 32 bit data is not supported in right justified mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com