Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2202IPE4 Datasheet(PDF) 53 Page - Texas Instruments

Part # TLC2202IPE4
Description  Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2202IPE4 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TLC2202IPE4 Datasheet HTML 49Page - Texas Instruments TLC2202IPE4 Datasheet HTML 50Page - Texas Instruments TLC2202IPE4 Datasheet HTML 51Page - Texas Instruments TLC2202IPE4 Datasheet HTML 52Page - Texas Instruments TLC2202IPE4 Datasheet HTML 53Page - Texas Instruments TLC2202IPE4 Datasheet HTML 54Page - Texas Instruments TLC2202IPE4 Datasheet HTML 55Page - Texas Instruments TLC2202IPE4 Datasheet HTML 56Page - Texas Instruments TLC2202IPE4 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
TLC220x, TLC220xA, TLC220xB, TLC220xY
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS175 – FEBRUARY 1997
53
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
latch-up avoidance
Because CMOS devices are susceptible to latch-up due to their inherent parasitic thyristors, the TLC220x,
TLC220xA, and TLC220xB inputs and outputs are designed to withstand – 100-mA surge currents without
sustaining latch-up; however, techniques reducing the chance of latch-up should be used whenever possible.
Internal protection diodes should not be forward biased in normal operation. Applied input and output voltages
should not exceed the supply voltage by more than 300 mV. Care should be exercised when using capacitive
coupling on pulse generators. Supply transients should be shunted by the use of decoupling capacitors
(0.1
µF typical) located across the supply rails as close to the device as possible.
electrostatic discharge protection
These devices use internal ESD-protection circuits that prevent functional failures at voltages at or below
2000 V. Care should be exercised in handling these devices as exposure to ESD may result in degradation of
the device parametric performance.
macromodel information
Macromodel information provided was derived using Microsim
Parts
™, the model generation software used
with Microsim
PSpice
™. The Boyle macromodel (see Note 5) and subcircuit in Figure 40 were generated using
the TLC220x typical electrical and operating characteristics at 25
°C. Using this information, output simulations
of the following key parameters can be generated to a tolerance of 20% (in most cases):
D Unity-gain frequency
D Common-mode rejection ratio
D Phase margin
D DC output resistance
D AC output resistance
D Short-circuit output current limit
D Maximum positive output voltage swing
D Maximum negative output voltage swing
D Slew rate
D Quiescent power dissipation
D Input bias current
D Open-loop voltage amplification
NOTE 5: G. R. Boyle, B. M. Cohn, D. O. Pederson, and J. E. Solomon, “Macromodeling of Integrated Circuit Operational Amplifiers”,
IEEE Journal
of Solid-State Circuits, SC-9, 353 (1974).
PSpice and Parts are trademarks of MicroSim Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com