Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2202IPE4 Datasheet(PDF) 14 Page - Texas Instruments

Part # TLC2202IPE4
Description  Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2202IPE4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC2202IPE4 Datasheet HTML 10Page - Texas Instruments TLC2202IPE4 Datasheet HTML 11Page - Texas Instruments TLC2202IPE4 Datasheet HTML 12Page - Texas Instruments TLC2202IPE4 Datasheet HTML 13Page - Texas Instruments TLC2202IPE4 Datasheet HTML 14Page - Texas Instruments TLC2202IPE4 Datasheet HTML 15Page - Texas Instruments TLC2202IPE4 Datasheet HTML 16Page - Texas Instruments TLC2202IPE4 Datasheet HTML 17Page - Texas Instruments TLC2202IPE4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
TLC220x, TLC220xA, TLC220xB, TLC220xY
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS175 – FEBRUARY 1997
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC2202C electrical characteristics at specified free-air temperature, VDD± = ±5 V (unless
otherwise specified)
PARAMETER
TEST CONDITIONS
TA†
TLC2202C
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
100
1000
µV
VIO
Input offset voltage
VIC =0
RS =50 Ω
Full range
1150
µV
αVIO
Temperature coefficient of input offset voltage
VIC = 0,
RS = 50 Ω
Full range
0.5
µV/°C
Input offset voltage long-term drift (see Note 4)
25
°C
0.001
0.005
µV/mo
IIO
Input offset current
25
°C
0.5
IIO
Input offset current
VIC =0
RS =50 Ω
Full range
100
pA
IIB
Input bias current
VIC = 0,
RS = 50 Ω
25
°C
1
pA
IIB
Input bias current
Full range
100
–5
VICR
Common-mode input voltage range
RS = 50 Ω
Full range
5
to
V
ICR
gg
S
g
2.7
VOM
Maximum positive peak output voltage swing
25
°C
4.7
4.8
VOM + Maximum positive peak output voltage swing
RL =10kΩ
Full range
4.7
V
VOM
Maximum negative peak output voltage swing
RL = 10 kΩ
25
°C
– 4.7
– 4.9
VOM – Maximum negative peak output voltage swing
Full range
– 4.7
V
VO = ± 4V
RL = 500 kΩ
25
°C
300
560
AVD
Large signal differential voltage amplification
VO = ± 4 V,
RL = 500 kΩ
Full range
200
V/mV
AVD
Large-signal differential voltage amplification
VO = ± 4V
RL =10kΩ
25
°C
50
100
V/mV
VO = ± 4 V,
RL = 10 kΩ
Full range
25
CMRR
Common mode rejection ratio
VO = 0,
VIC = VICRmin,
25
°C
80
115
dB
CMRR
Common-mode rejection ratio
O
,
IC
ICR
,
RS = 50 Ω
Full range
80
dB
kSVR
Supply voltage rejection ratio (
∆VDD±/∆VIO)
VDD
± = ±2 3Vto ±8V
25
°C
80
110
dB
kSVR
Supply-voltage rejection ratio (
∆VDD±/∆VIO)
VDD
± = ±2.3 V to ±8 V
Full range
80
dB
IDD
Supply current
VO =0
No load
25
°C
1.8
2.7
mA
IDD
Supply current
VO = 0,
No load
Full range
2.7
mA
† Full range is 0
°C to 70°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150 °C extrapolated
to TA = 25 °C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
TLC2202C operating characteristics at specified free-air temperature, VDD± = ±5 V
PARAMETER
TEST CONDITIONS
TA†
TLC2202C
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VO = ± 2.3 V,
RL = 10 kΩ,
25
°C
1.8
2.7
V/
µs
SR
Slew rate at unity gain
O
,
CL = 100 pF
L
,
Full range
1.3
V/
µs
V
Equivalent input noise voltage
f = 10 Hz
25
°C
18
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
8
nV/
√Hz
VN(PP)
Peak to peak equivalent input noise voltage
f = 0.1 to 1 Hz
25
°C
0.5
µV
VN(PP)
Peak-to-peak equivalent input noise voltage
f = 0.1 to 10 Hz
25
°C
0.7
µV
In
Equivalent input noise current
25
°C
0.6
fA/
√Hz
Gain bandwidth product
f = 10 kHz,
RL = 10 kΩ,
25
°C
19
MHz
Gain-bandwidth product
,
CL = 100 pF
L
,
25
°C
1.9
MHz
φm
Phase margin at unity gain
RL = 10 kΩ,
CL = 100 pF
25
°C
48
°
† Full range is 0
°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com