Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2202IPE4 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLC2202IPE4
Description  Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2202IPE4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC2202IPE4 Datasheet HTML 8Page - Texas Instruments TLC2202IPE4 Datasheet HTML 9Page - Texas Instruments TLC2202IPE4 Datasheet HTML 10Page - Texas Instruments TLC2202IPE4 Datasheet HTML 11Page - Texas Instruments TLC2202IPE4 Datasheet HTML 12Page - Texas Instruments TLC2202IPE4 Datasheet HTML 13Page - Texas Instruments TLC2202IPE4 Datasheet HTML 14Page - Texas Instruments TLC2202IPE4 Datasheet HTML 15Page - Texas Instruments TLC2202IPE4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
TLC220x, TLC220xA, TLC220xB, TLC220xY
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS175 – FEBRUARY 1997
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC2201C electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
TLC2201AC
TLC2201BC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
80
200
80
200
µV
VIO
Input offset voltage
Full range
300
300
µV
αVIO
Temperature coefficient of
Full range
05
05
µV/°C
αVIO
input offset voltage
Full range
0.5
0.5
µV/°C
Input offset voltage long-term
drift (see Note 4)
VIC = 0,
RS = 50 Ω
25
°C
0.001
0.005
0.001
0.005
µV/mo
IIO
Input offset current
25
°C
0.5
0.5
pA
IIO
Input offset current
Full range
100
100
pA
IIB
Input bias current
25
°C
1
1
pA
IIB
Input bias current
Full range
100
100
pA
VICR
Common-mode input voltage
RS =50 Ω
Full range
0 to
0 to
V
VICR
g
range
RS = 50 Ω
Full range
2.7
2.7
V
VOH
Maximum high-level output
RL =10kΩ
25
°C
4.7
4.8
4.7
4.8
V
VOH
g
voltage
RL = 10 kΩ
Full range
4.7
4.7
V
VOL
Maximum low-level output
IO =0
25
°C
0
50
0
50
mV
VOL
voltage
IO = 0
Full range
50
50
mV
VO = 1 V to 4 V,
25
°C
150
315
150
315
AVD
Large-signal differential
O
,
RL = 500 kΩ
Full range
100
100
V/mV
AVD
gg
voltage amplification
VO = 1 V to 4 V,
25
°C
25
55
25
55
V/mV
O
,
RL = 10 kΩ
Full range
15
15
CMRR
Common mode rejection ratio
VIC = VICRmin,
25
°C
90
110
90
110
dB
CMRR
Common-mode rejection ratio
VO = 0,
RS = 50 Ω
Full range
85
85
dB
kSVR
Supply voltage rejection ratio
VDD =4 6Vto16V
25
°C
90
110
90
110
dB
kSVR
yg
j
(
∆VDD±/∆VIO)
VDD = 4.6 V to 16 V
Full range
85
85
dB
IDD
Supply current
VO =2 5V
No load
25
°C
1
1.5
1
1.5
mA
IDD
Supply current
VO = 2.5 V,
No load
Full range
1.5
1.5
mA
† Full range is 0
°C to 70°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150 °C extrapolated
to TA = 25 °C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com