Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2202IPE4 Datasheet(PDF) 27 Page - Texas Instruments

Part # TLC2202IPE4
Description  Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2202IPE4 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLC2202IPE4 Datasheet HTML 23Page - Texas Instruments TLC2202IPE4 Datasheet HTML 24Page - Texas Instruments TLC2202IPE4 Datasheet HTML 25Page - Texas Instruments TLC2202IPE4 Datasheet HTML 26Page - Texas Instruments TLC2202IPE4 Datasheet HTML 27Page - Texas Instruments TLC2202IPE4 Datasheet HTML 28Page - Texas Instruments TLC2202IPE4 Datasheet HTML 29Page - Texas Instruments TLC2202IPE4 Datasheet HTML 30Page - Texas Instruments TLC2202IPE4 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
TLC220x, TLC220xA, TLC220xB, TLC220xY
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS175 – FEBRUARY 1997
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC2202I electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
TLC2202AI
TLC2202BI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
80
500
80
500
µV
VIO
In ut offset voltage
Full range
700
700
µV
αVIO
Temperature coefficient of
VIC =0
RS =50 Ω
Full range
05
05
µV/°C
αVIO
input offset voltage
VIC = 0,
RS = 50 Ω
Full range
0.5
0.5
µV/°C
Input offset voltage long-term
drift (see Note 4)
25
°C
0.001
0.005
0.001
0.005
µV/mo
IIO
Input offset current
25
°C
0.5
0.5
pA
IIO
In ut offset current
VIC =0
RS =50 Ω
Full range
150
150
A
IIB
Input bias current
VIC = 0,
RS = 50 Ω
25
°C
1
1
pA
IIB
In ut bias current
Full range
150
150
A
Common mode input
0
0
VICR
Common-mode input
voltage range
RS = 50 Ω
Full range
to
to
V
voltage range
2.7
2.7
VOH
Maximum high-level output
RL =10kΩ
25
°C
4.7
4.8
4.7
4.8
V
VOH
g
voltage
RL = 10 kΩ
Full range
4.7
4.7
V
VOL
Maximum low-level output
IO =0
25
°C
0
50
0
50
mV
VOL
voltage
IO = 0
Full range
50
50
mV
VO = 1 V to 4 V,
25
°C
150
315
150
315
AVD
Large-signal differential
O
RL = 500 kΩ
Full range
100
100
V/mV
AVD
gg
voltage amplification
VO =1 V to 4 V,
25
°C
25
55
25
55
V/mV
O
RL = 10 kΩ
Full range
15
15
CMRR
Common-mode rejection ratio
VIC = VICRmin,
25
°C
75
110
75
110
dB
CMRR
Common-mode rejection ratio
IC
ICR
VO = 0,
RS = 50 Ω
Full range
75
75
dB
kSVR
Supply-voltage rejection ratio
VDD =4 6Vto16V
25
°C
80
110
80
110
dB
kSVR
yg
j
(
∆VDD±/∆VIO)
VDD = 4.6 V to 16 V
Full range
80
80
dB
IDD
Supply current
VO =2 5V
No load
25
°C
1.7
2.6
1.7
2.6
mA
IDD
Su
ly current
VO = 2.5 V,
No load
Full range
2.6
2.6
mA
† Full range is – 40
°C to 85°C
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
TLC2202I operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA†
TLC2202AI
TLC2202BI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
V
0 5Vto2 5V
25
°C
16
25
16
25
SR
Slew rate at unity gain
VO = 0.5 V to 2.5 V,
25
°C
1.6
2.5
1.6
2.5
V/
µs
SR
Slew rate at unity gain
O
RL = 10 kΩ,CL = 100 pF
Full range
1
1
V/
µs
Vn
Equivalent input noise voltage
f = 10 Hz
25
°C
18
35
18
30
nV/
√Hz
Vn
qg
(see Note 5)
f = 1 kHz
25
°C
8
15
8
12
nV/
√Hz
VN(PP)
Peak-to-peak equivalent
f = 0.1 to 1 Hz
25
°C
0.5
0.5
µV
VN(PP)
q
input noise voltage
f = 0.1 to 10 Hz
25
°C
0.7
0.7
µV
In
Equivalent input noise current
25
°C
0.6
0.6
fA/
√Hz
f=10kHz
RL =10kΩ
Gain-bandwidth product
f = 10 kHz,
RL = 10 kΩ,
C
100 pF
25
°C
1.9
1.9
MHz
CL = 100 pF
φm
Phase margin at unity gain
RL =10kΩ CL = 100 pF
25
°C
47
°
47
°
φm
Phase margin at unity gain
RL = 10 kΩ, CL = 100 F
25
°C
47
°
47
°
† Full range is – 40
°C to 85°C
NOTE 5: This parameter is tested on a sample basis for the TLC2202A and on all devices for the TLC2202B. For other test requirements, please
contact the factory. This statement has no bearing on testing or nontesting of other parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com