Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9010 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # DM9010
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button DM9010 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
28
Version: DM9010-DS-P03
Apr. 28, 2005
7:0
TXPLH
PHS0,RW TX Packet Length High byte
7:0
TXPLL
PHS0,RW TX Packet Length Low byte
6.46 Interrupt Status Register (FEH)
Bit
Name
Default
Description
7:6
IOMODE
T0, RO
Bit 7 Bit 6
0
0
16-bit mode
0
1
32-bit mode
1
0
8-bit mode
1
1
Reserved
5
LNKCHG
PHS0,RW/C1
Link Status Change
4
UDRUN
PHS0,RW/C1
Transmit Underrun
3
ROO
PHS0,RW/C1
Receive Overflow Counter Overflow
2
ROS
PHS0,RW/C1
Receive Overflow
1
PT
PHS0,RW/C1
Packet Transmitted
0
PR
PHS0,RW/C1
Packet Received
6.47 Interrupt Mask Register (FFH)
Bit
Name
Default
Description
7
PAR
HPS0,RW
Enable the SRAM read/write pointer to automatically return to the start address
when pointer addresses are over the SRAM size. Driver needs to set. When
driver sets this bit, REG_F5 will set to 0Ch automatically
6
RESERVED
RO
Reserved
5
LNKCHGI
PHS0,RW
Enable Link Status Change Interrupt
4
UDRUNI
PHS0,RW
Enable Transmit Underrun Interrupt
3
ROOI
PHS0,RW
Enable Receive Overflow Counter Overflow Interrupt
2
ROI
PHS0,RW
Enable Receive Overflow Interrupt
1
PTI
PHS0,RW
Enable Packet Transmitted Interrupt
0
PRI
PHS0,RW
Enable Packet Received Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com