Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9010 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # DM9010
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button DM9010 Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
42
Version: DM9010-DS-P03
Apr. 28, 2005
9. Functional Description
9.1 Host Interface
The host interface is the ISA BUS compatible mode.
There are eight IO bases, which are 300H, 310H,
320H, 330H, 340H, 350H, 360H, and 370H. The IO
base is latched from strap pins or loaded from the
EEPROM.
There are only two addressing ports through the
access of the host interface. One port is the INDEX
port and the other is the DATA port. The INDEX port
is decoded by the pin CMD =0 and the DATA port by
the pin CMD =1. The contents of the INDEX port are
the register address of the DATA port. Before the
access of any register, the address of the register
must be saved in the INDEX port.
9.2 Direct Memory Access Control
The DM9010 provides DMA capability to simplify the
access
of
the
internal
memory.
After
the
programming of the starting address of the internal
memory and then issuing a dummy read/write
command to load the current data to internal data
buffer, the desired location of the internal memory
can be accessed by the read/write command
registers. The memory’s address will be increased
with the size that equals to the current operation
mode (i.e. the 8-bit, 16-bit or 32-bit mode) and the
data of the next location will be loaded into internal
data buffer automatically. It is noted that the data of
the first access (the dummy read/write command) in a
sequential burst should be ignored because that the
data was the contents of the last read/write
command.
The internal memory size is 16K bytes. The first
location of 3K bytes is used for the data buffer of the
packet transmission. The other 13K bytes are used
for the buffer of the receiving packets. So in the write
memory operation, when the bit 7 of IMR is set, the
memory address increment will wrap to location 0 if
the end of address (i.e. 3K) is reached. In a similar
way, in the read memory operation, when the bit 7 of
IMR is set, the memory address increment will wrap
to location 0x0C00 if the end of address (i.e. 16K) is
reached.
9.3 Packet Transmission
There are two packets, sequentially named as index I
and index II, can be stored in the TX SRAM at the
same time. The index register 02h controls the
insertion of CRC and pads. Their statuses are
recorded at index registers 03h and 04h respectively.
The start address of transmission is 00h and the
current packet is index I after software or hardware
reset. Firstly write data to the TX SRAM using the
DMA port and then write the byte count to byte_
count register at index register 0fch and 0fdh. Set the
bit 1 of control register. The DM9010 starts to
transmit the index I packet. Before the transmission
of the index I packet ends, the data of the next (index
II) packet can be moved to TX SRAM. After the index
I packet ends the transmission, write the byte count
data of the index II to BYTE_COUNT register and
then set the bit 1 of control register to transmit the
index II packet. The following packets, named index I,
II, I, II,…, use the same way to be transmitted.
9.4 Packet Reception
The RX SRAM is a ring data structure. The start
address of RX SRAM is 0C00h after software or
hardware reset. Each packet has a 4-byte header
followed with the data of the reception packet which
CRC field is included. The format of the 4-byte
header is 01h, status, BYTE_COUNT low, and
BYTE_COUNT high. It is noted that the start address
of each packet is in the proper address boundary
which depends on the operation mode (the 8-bit,
16-bit or 32-bit mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com