Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9010 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # DM9010
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button DM9010 Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
41
Version: DM9010-DS-P03
Apr. 28, 2005
8.12 (Specified config) Register – 20
Bit
Bit Name
Default
Description
20.15
TSTSE1
0,RW
Vendor test select control
20.14
TSTSE2
0,RW
Vendor test select control
20.13
FORCE_TXS
D
0,RW
Force Signal Detect
1: force SD signal OK in 100M
0: normal SD signal.
20.12
FORCE_FEF
0,RW
Vendor test select control
20.11-20
.8
Reserved
0, RO
Reserved
Read as 0, ignore on write
20.7
MDIX_CNTL
MDI/MDIX,
RO
The polarity of MDI/MDIX value
1: MDIX mode
0: MDI
mode
20.6
AutoNeg_dpb
k
0,RW
Auto-negotiation Loopback
1: test internal digital auto-negotiation Loopback
0: normal.
20.5
Mdix_fix
Value
0, RW
MDIX_CNTL force value:
When Mdix_down = 1, MDIX_CNTL value depend on the
register value.
20.4
Mdix_down
0,RW
MDIX Down
Manual force MDI/MDIX.
0: Enable auto MDI/MDIX
1: Disable auto MDI/MDIX, MDIX_CNTL value depend on
20.5
20.3
MonSel1
0,RW
Vendor monitor select
20.2
MonSel0
0,RW
Vendor monitor select
20.1
Reserved
0,RW
Reserved
Force to 0, in application.
20.0
PD_value
0,RW
Power down control value
Decision the value of each field Register 19.
1: power down
0: normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com