Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9010 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # DM9010
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button DM9010 Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 52Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 53Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 54Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 55Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
52
Version: DM9010-DS-P03
Apr. 28, 2005
10.3.7 MII Management Interface Timing
MDC
MDIO (drived by DM9010)
T1
T2
T3
T4
T5
MDIO (drived by exetrnal MII)
Symbol
Parameter
Min.
Typ.
Max.
Unit
T1
MDC Frequency
2
MHz
T2
MDIO by DM9010 Setup Time
187
ns
T3
MDIO by DM9010 Hold Time
313
ns
T4
MDIO by External MII Setup Time
40
ns
T5
MDIO by External MII Hold Time
40
ns
10.3.8 EEPROM Interface Timing
EECS
EECK
EEDO
T2
T3
T1
T4
T5
T6
T7
EEDI
Symbol
Parameter
Min.
Typ.
Max.
Unit
T1
EECK Frequency
0.375
MHz
T2
EECS Setup Time
500
ns
T3
EECS Hold Time
2166
ns
T4
EEDO Setup Time
480
T5
EEDO Hold Time
2200
ns
T6
EEDI Setup Time
8
ns
T7
EEDI Hold Time
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com