Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XFP235 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # XFP235
Description  XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XFP235 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button XFP235 Datasheet HTML 4Page - Renesas Technology Corp XFP235 Datasheet HTML 5Page - Renesas Technology Corp XFP235 Datasheet HTML 6Page - Renesas Technology Corp XFP235 Datasheet HTML 7Page - Renesas Technology Corp XFP235 Datasheet HTML 8Page - Renesas Technology Corp XFP235 Datasheet HTML 9Page - Renesas Technology Corp XFP235 Datasheet HTML 10Page - Renesas Technology Corp XFP235 Datasheet HTML 11Page - Renesas Technology Corp XFP235 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
©2019-2023 Renesas Electronics Corporation
R31DS0029EU0601 September 13, 2023
XF Datasheet
AC Electrical Characteristics
Notes for all AC Electrical Characteristics tables:
1. A pull-up resistor from VDD to OE enables output when pin 5 is left open.
2. Installation should include a 0.01μF bypass capacitor placed between VDD and GND to minimize power supply line noise.
Table 13. CML DC Electrical Characteristics
VDD = 3.3V, 2.5V, 1.8V ±5%, TA = -40°C to +85°C, -40°C to +105°C, typical at 156.25MHz.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VOH
Output High Voltage
VDD = 3.3V ±5%.
3.09
3.26
3.43
V
VDD = 2.5V ±5%.
2.33
2.46
2.59
VDD = 1.8V ±5%.
1.66
1.76
1.85
VOL
Output Low Voltage
VDD = 3.3V ±5%.
2.70
2.85
3.00
V
VDD = 2.5V ±5%.
1.95
2.06
2.17
VDD = 1.8V ±5%.
1.30
1.37
1.45
Table 14. DC Electrical Characteristics – Leakage Current
VDD = 3.3V, 2.5V, 1.8V ±5%, TA = -40°C to +85°C, -40°C to +105°C, typical at 156.25MHz.
Symbol
Parameter
Input
Conditions
Minimum
Typical
Maximum
Unit
IIH
Input Leakage High
OE
VDD = 3.3V ±5%.
-5
0.81
5
µA
SCLK
-5
1.36
5
SDATA
-5
1.44
5
IIL
Input Leakage Low
OE
VDD = 3.3V ±5%.
-20
-17.44
-14
µA
SCLK
-37
-33.49
-30
SDATA
-20
-17.02
-14
Table 15. 3.3V AC Electrical Characteristics
VDD = 3.3V ±5%, TA = -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit
F
Output Frequency Range
LVDS, LVPECL, CML.
15
—
2100
MHz
HCSL.
15
—
725
Frequency Stability
Temperature = -40°C to +85°C.
—
—
±25
ppm
Temperature = -40°C to +105°C.
—
—
±50
ppm
Frequency Tolerance (25°C)
Temperature = 25°C.
—
—
±15
ppm
Aging (1st year)
TA = 25°C.
—
—
±3
ppm
Aging (10 years)
TA = 25°C.
—
—
±10
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com