Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XFP235 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # XFP235
Description  XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XFP235 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button XFP235 Datasheet HTML 17Page - Renesas Technology Corp XFP235 Datasheet HTML 18Page - Renesas Technology Corp XFP235 Datasheet HTML 19Page - Renesas Technology Corp XFP235 Datasheet HTML 20Page - Renesas Technology Corp XFP235 Datasheet HTML 21Page - Renesas Technology Corp XFP235 Datasheet HTML 22Page - Renesas Technology Corp XFP235 Datasheet HTML 23Page - Renesas Technology Corp XFP235 Datasheet HTML 24Page - Renesas Technology Corp XFP235 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
8-LGA, Package Outline Drawing
2.50 x 3.20 x 0.85 mm Body, 1.25mm Pitch
LNG8D1, PSC-4837-01, Rev 01, Page 1
© Renesas Electronics Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com