Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XFP235 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # XFP235
Description  XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XFP235 Datasheet(HTML) 2 Page - Renesas Technology Corp

  XFP235 Datasheet HTML 1Page - Renesas Technology Corp XFP235 Datasheet HTML 2Page - Renesas Technology Corp XFP235 Datasheet HTML 3Page - Renesas Technology Corp XFP235 Datasheet HTML 4Page - Renesas Technology Corp XFP235 Datasheet HTML 5Page - Renesas Technology Corp XFP235 Datasheet HTML 6Page - Renesas Technology Corp XFP235 Datasheet HTML 7Page - Renesas Technology Corp XFP235 Datasheet HTML 8Page - Renesas Technology Corp XFP235 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
©2019-2023 Renesas Electronics Corporation
R31DS0029EU0601 September 13, 2023
XF Datasheet
Pin Descriptions
1 Pins 4 and 6 are no connect for non-I2C applications.
2 Pin 3 is no connect for non-analog VCXO applications.
See Ordering Information (VCXO) for more details.
Table 2. Pin Descriptions for 5.0 × 3.2 mm and 3.2 × 2.5 mm Packages
1 Pins 7 and 8 are no connect for non-I2C applications.
See Ordering Information (VCXO) for more details.
Table 1. Pin Descriptions for 2.5 × 2.0 mm Package
Pin Number
Pin Name
Description
1
NC
No connect.
2
NC
No connect.
3
Voltage Control 2
Voltage control for VCXO option.
4
SDA 1
Serial data.
5
OE
Output enable.
6
SCL 1
Serial clock.
7
VDD Output
Supply voltage.
8
Output 0
Output 0.
9
Output 0b
Complementary output 0.
10
Ground Output
Connect to ground.
11
VDD Core
Supply voltage.
12
Ground Core
Connect to ground.
13
EPAD (dotted area shown in Pin Assignments diagram) Connect to ground (required for heat dissipation).
Pin #
Pin Name
Description
1
OE
Output Enable (0 = output disabled, pulled high internally)
2
NC
No connect
3
GND
Connect to ground
4
OUT0
Output
5
OUT0b
Complementary output
6
VDD
Supply voltage
7
SDA 1
Serial data
8
SCL 1
Serial clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com