Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XFP235 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # XFP235
Description  XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XFP235 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button XFP235 Datasheet HTML 13Page - Renesas Technology Corp XFP235 Datasheet HTML 14Page - Renesas Technology Corp XFP235 Datasheet HTML 15Page - Renesas Technology Corp XFP235 Datasheet HTML 16Page - Renesas Technology Corp XFP235 Datasheet HTML 17Page - Renesas Technology Corp XFP235 Datasheet HTML 18Page - Renesas Technology Corp XFP235 Datasheet HTML 19Page - Renesas Technology Corp XFP235 Datasheet HTML 20Page - Renesas Technology Corp XFP235 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17
©2019-2023 Renesas Electronics Corporation
R31DS0029EU0601 September 13, 2023
XF Datasheet
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the links below. The package information
is the most current data available and is subject to change without revision of this document.
2.5 × 2.0 mm package (NJG12)
3.2 × 2.5 mm package (LNG8)
5.0 × 3.2 mm package (LXG8)
Marking Diagrams
Marking Configuration for the 2.5 × 2.0 mm (NJG12) Package
Figure 14. Marking Configuration for the 3.2 × 2.5 mm (LNG8) Package (example based on
XFL336156.250000I)
Figure 15. Marking Configuration for the 5.0 × 3.2 mm (LXG8) Package (example based on
XFL526125.000000I)
▪ Line 1 indicates the following:
• “ABC” denotes the truncated first three digits of the frequency code (e.g., 156).
• “-YW” denotes the last digit of the year and week when the part was assembled.
▪ Line 2 indicates the following:
• “$” denotes the mark location code.
• “PF” denotes the package and frequency codes, where “P” = package code and “F” = frequency code.
• “**” denotes the sequential lot number.
ABC-YW
$PF**
▪ Line 1 denotes the truncated part number as follows:
• “F” = a combination of the 3rd digit (output type, e.g. “L”) and the 5th digit (voltage supply, e.g. “3”), in
accordance with the mapping key as follows:
▪ C1 = A, C2 = B, C3 = C, L1 = D, L2 = E, L3 = F, N1 = G, N2 = H, N3 = J, P1 = K, P2 = L, P3 = M
• “xxxxxx” = the first three digits to the left of the decimal point and the last three digits to the left of the decimal
point as shown in the above example. This number will vary depending upon the frequency value selected in
the orderable part number. (e.g. 156250)).
▪ Line 2 indicates the following:
• “YWW” denotes the last digit of the year and week when the part was assembled.
• “**” denotes the sequential lot number.
• “$” denotes the mark location.
Fxxxxxx
YWW**$
▪ Line 1 indicates the following:
• XF = family; “L” = output type; “526” = package, voltage, precision
▪ Line 2 indicates the following:
• “125000” = the first three digits to the left of the decimal point and the last three digits to the left of the
decimal point as shown in the above example. This number will vary depending upon the frequency value
selected in the orderable part number.
▪ Line 3 indicates the following:
• “YYWW” denotes the last digits of the year and week when the part was assembled.
• “**” denotes the sequential lot number.
XFL526
125000
YYWW**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com