Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML22Q533 Datasheet(PDF) 93 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 93 Page - Rohm

Back Button ML22Q533 Datasheet HTML 89Page - Rohm ML22Q533 Datasheet HTML 90Page - Rohm ML22Q533 Datasheet HTML 91Page - Rohm ML22Q533 Datasheet HTML 92Page - Rohm ML22Q533 Datasheet HTML 93Page - Rohm ML22Q533 Datasheet HTML 94Page - Rohm ML22Q533 Datasheet HTML 95Page - Rohm ML22Q533 Datasheet HTML 96Page - Rohm ML22Q533 Datasheet HTML 97Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 STOP command (when the FAD bit is "L")
 STOP command (when the FAD bit is "H")
*1 The duration of the BUSYBn varies depending on the sampling frequency groups.
At 10.7/21.3kHz
: Approx. 3ms
At 6.4/12.8/25.6kHz
: Approx. 5ms
At 8.0/16.0/32.0kHz
: Approx. 4ms
At 11.025/22.05/44.1kHz
: Approx. 2.9ms
At 12.0/24.0/48.0kHz
: Approx. 2.7ms
Status
Awaiting command
NCRn
BUSYBn
SPM
1/2SPVDD
SPP
1/2SPVDD
Playing
STOP command
(internal)
(internal)
VOH
VOL
CBUSYB
tCB3
fs×1cycle
SCL
SDA
Slave Address
A
W
A
Command is being processed
Status
Awaiting command
NCRn
BUSYBn
SPM
1/2SPVDD
SPP
1/2SPVDD
Playing
STOP command
(internal)
(internal)
VOH
VOL
CBUSYB
tCB3
Changed by sampling
frequency
*1
SCL
SDA
Slave Address
A
W
A
Command is being processed
93/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com